Electronic Components Datasheet Search
  English  ▼

X  

AH8500 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AH8500
Description  LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8500 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AH8500 Datasheet HTML 7Page - Diodes Incorporated AH8500 Datasheet HTML 8Page - Diodes Incorporated AH8500 Datasheet HTML 9Page - Diodes Incorporated AH8500 Datasheet HTML 10Page - Diodes Incorporated AH8500 Datasheet HTML 11Page - Diodes Incorporated AH8500 Datasheet HTML 12Page - Diodes Incorporated AH8500 Datasheet HTML 13Page - Diodes Incorporated AH8500 Datasheet HTML 14Page - Diodes Incorporated AH8500 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AH8500
Document number: DS37511 Rev. 1 - 2
11 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8500
Typical Operating Characteristics
Average Supply Current
Sleep Mode
Sleep Mode
External Drive Mode - 20Hz Sample Rate
External Drive Mode - 20Hz Sample Rate
Auto-Run Mode - 6.25kHz Sample Rate
Auto-Run Mode - 6.25kHz Sample Rate
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
Average Supply Current (ENABLE = GND) vs Supply Voltage
ENABLE = GND, TA = +25 C,
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (
oC)
Average Supply Current (ENABLE = GND) vs Temperature
ENABLE = GND
1.6V
1.8V
2.5V
3.0V
3.3V
3.6V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
Average Supply Current (ENABLE = PWM) vs Supply Voltage
ENABLE = 140µs pulse 20Hz PWM, TA = +25 C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (
oC)
Average Supply Current (ENABLE = PWM) vs Temperature
ENABLE = 140
µs pulse 20Hz PWM
1.6V
1.8V
2.5V
3.0V
3.3V
3.6V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
Average Supply Current (ENABLE = VDD) vs Supply Voltage
ENABLE = VDD , TA = +25 C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (
oC)
Average Supply Current (ENABLE = VDD) vs Temperature
ENABLE = VDD
1.6V
1.8V
2.5V
3.0V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com