Electronic Components Datasheet Search
  English  ▼

X  

AH8500 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AH8500
Description  LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8500 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AH8500 Datasheet HTML 9Page - Diodes Incorporated AH8500 Datasheet HTML 10Page - Diodes Incorporated AH8500 Datasheet HTML 11Page - Diodes Incorporated AH8500 Datasheet HTML 12Page - Diodes Incorporated AH8500 Datasheet HTML 13Page - Diodes Incorporated AH8500 Datasheet HTML 14Page - Diodes Incorporated AH8500 Datasheet HTML 15Page - Diodes Incorporated AH8500 Datasheet HTML 16Page - Diodes Incorporated AH8500 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AH8500
Document number: DS37511 Rev. 1 - 2
13 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8500
Typical Operating Characteristics (cont.)
Typical Transfer Curves
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
3.9
-500
-400
-300
-200
-100
0
100
200
300
400
500
Magnetic Flux Density, B (Gauss)
Output Voltage vs Magnetic Flux Density
TA = +25 C
3.6V
3.3V
3.0V
1.8V
1.6V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Magnetic Flux Density, B (Gauss)
Output Voltage vs Magntic Flux Density
-40C
0C
25C
85C
VDD = 1.6V, TA = -40 C to +85 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-500
-400
-300
-200
-100
0
100
200
300
400
500
Magnetic Flux Density, B (Gauss)
Output Voltage vs Magntic Flux Density
-40C
0C
25C
85C
VDD = 1.8V, TA = -40 C to +85 C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-500
-400
-300
-200
-100
0
100
200
300
400
500
Magnetic Flux Density, B (Gauss)
Output Voltage vs Magntic Flux Density
-40C
0C
25C
85C
VDD = 3.3V, TA = -40 C to +85 C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-500
-400
-300
-200
-100
0
100
200
300
400
500
Magnetic Flux Density, B (Gauss)
Output Voltage vs Magntic Flux Density
-40C
0C
25C
85C
VDD = 3.0V, TA = -40 C to +85 C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-500
-400
-300
-200
-100
0
100
200
300
400
500
Magnetic Flux Density, B (Gauss)
Output Voltage vs Magntic Flux Density
-40C
0C
25C
85C
VDD = 3.6V, TA = -40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com