Electronic Components Datasheet Search
  English  ▼

X  

AH8500 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH8500
Description  LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8500 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH8500 Datasheet HTML 1Page - Diodes Incorporated AH8500 Datasheet HTML 2Page - Diodes Incorporated AH8500 Datasheet HTML 3Page - Diodes Incorporated AH8500 Datasheet HTML 4Page - Diodes Incorporated AH8500 Datasheet HTML 5Page - Diodes Incorporated AH8500 Datasheet HTML 6Page - Diodes Incorporated AH8500 Datasheet HTML 7Page - Diodes Incorporated AH8500 Datasheet HTML 8Page - Diodes Incorporated AH8500 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AH8500
Document number: DS37511 Rev. 1 - 2
2 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8500
Typical Applications Circuit
AH8500
OUTPUT
GND
CIN
VDD
ENABLE
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical and should be placed as close to
the supply pin as possible.
Pin Descriptions
Package: U-DFN2020-6
Pin Number
Pin Name
Function
1
OUTPUT
Output Pin
2
NC
No Connection (Note 5)
3
VDD
Power Supply Input
4
ENABLE
Device “Awake” and “Sleep” control pin:
An external PWM signal to the ENABLE pin controls the operating modes
(Sleep Mode, Auto-Run Mode and External Drive Mode), awake and sleep
periods to adjust the sampling rate and to minimize the power consumption
to achieve micropower operation.
When the ENABLE = GND continuously the device is in sleep mode
consuming only 8.9µA typical at 1.8V. When the ENABLE pin is left floating,
the device defaults to sleep mode. The ENABLE pin is internally pulled low.
When ENABLE = VDD (or Logic High) continuously, device is in auto-run
mode with sampling rate of 6.25kHz typical consuming 1.01mA at 1.8V.
In external drive mode, an external PWM signal can be used to drive the
ENABLE pin to adjust the sampling frequency up to 7.14kHz typical.
A minimum pulse width needed on ENABLE pin to start one Awake/Sleep
cycle (i.e. one sample/conversion cycle) is 20µs typical. We recommend
using a pulse width of 40µs minimum. The minimum awake period for one
sample/conversion cycle is140µs typical.
5
GND
Ground Pin
6
NC
No Connection (Note 5)
Pad
Pad
The center exposed pad
– No connection internally.
The exposed pad can be left open (unconnected) or tied to the GND on the
PCB layout.
Note:
5.
NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com