Electronic Components Datasheet Search
  English  ▼

X  

AH8501 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AH8501
Description  HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8501 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AH8501 Datasheet HTML 5Page - Diodes Incorporated AH8501 Datasheet HTML 6Page - Diodes Incorporated AH8501 Datasheet HTML 7Page - Diodes Incorporated AH8501 Datasheet HTML 8Page - Diodes Incorporated AH8501 Datasheet HTML 9Page - Diodes Incorporated AH8501 Datasheet HTML 10Page - Diodes Incorporated AH8501 Datasheet HTML 11Page - Diodes Incorporated AH8501 Datasheet HTML 12Page - Diodes Incorporated AH8501 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AH8501
Document number: DS37512 Rev. 1 - 2
9 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8501
Application Note (continued)
Sensitivity and Transfer Characteristic
The device responds to the magnetic flux density perpendicular to the part marking surface. For South pole magnetic flux density increase from
0G, the output voltage will increase from VNULL and for a North magnetic pole field, the output will decrease from VNULL. The changes in the
voltage level up or down are symmetrical to VNULL and are proportional to the magnetic flux density.
The output voltage change is proportional to the magnitude and polarity of the magnetic field perpendicular to the part marking surface. This
proportionality is defined as output voltage sensitivity and is given by
SENS =
OUT B_MAX −
OUT B_MIN
MAX −
MIN
The AH8501 has a measurable magnetic field range of +/-400G and output voltage range of 0V to (255/256)VDD. Therefore sensitivity at 1.8V is
given by
SENS_1.8V =
1.8
800
= 2.25
/
The device has an internal ADC and DAC with a resolution of 8-bits. Therefore, the measurement resolution is 3.125G/LSB at VDD = 1.8V. In
terms of voltage, the output resolution at 1.8V is 7mV/LSB typical. The device follows the 8-bit step for transfer curve superimposed on the
VSENS above. This difference in theoretical linear value with 8-bit resolution steps produces a measurement (quantization) error at each step.
Quantization error (also measurement error) = 0.5*step = VDD/512(output voltage), OR
= Full magnetic range/512 (input magnetic field)
Transfer Curve – Output Voltage vs. Magnetic Flux Density
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
3.9
-500
-400
-300
-200
-100
0
100
200
300
400
500
Magnetic Flux Density, B (Gauss)
TA = +25 °C
3.6V
3.3V
3.0V
1.8V
1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com