Electronic Components Datasheet Search
  English  ▼

X  

AH8501 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH8501
Description  HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8501 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH8501 Datasheet HTML 1Page - Diodes Incorporated AH8501 Datasheet HTML 2Page - Diodes Incorporated AH8501 Datasheet HTML 3Page - Diodes Incorporated AH8501 Datasheet HTML 4Page - Diodes Incorporated AH8501 Datasheet HTML 5Page - Diodes Incorporated AH8501 Datasheet HTML 6Page - Diodes Incorporated AH8501 Datasheet HTML 7Page - Diodes Incorporated AH8501 Datasheet HTML 8Page - Diodes Incorporated AH8501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AH8501
Document number: DS37512 Rev. 1 - 2
1 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8501
HIGH ACCURACY LOW POWER / MICROPOWER
LINEAR HALL EFFECT SENSOR
Description
The AH8501 is a high accuracy, low power/micropower linear Hall
effect sensor with an 8-bit output resolution. The output voltage is
ratiometric to the supply voltage and proportional to the magnetic flux
density, perpendicular to the part marking surface. The output null
voltage is at half the supply voltage.
AH8501 is a trimmed device with typical sensitivity of 2.25mV/G and
3.8mV/G at 1.8V and 3V respectively with an accuracy of 3% at 25°C.
The device has a typical input referred rms noise of 0.36G and 0.24G
at 1.8V and 3.0V.
Designed for battery powered consumer equipment to office
equipment, home appliances and industrial applications, the AH8501
can operate over the supply range of 1.6V to 3.6V and uses an
externally controlled ENABLE pin clocking system to control operating
modes and sampling rates to minimize the power consumption. The
typical average operating supply current is between 8.9µA during
sleep mode and 1.16mA at maximum sampling rate at 1.8V. With a
conversion pulse every 50ms at the ENABLE pin, the device achieves
a micropower operation with the power consumption of 22µW typical
at 1.8V supply.
To minimize PCB space the AH8501 are available in small, low profile
U-DFN2020-6.
Features
•
High Accuracy Linear Hall Effect Sensor with +/-400G Sense
Range and Output Voltage with 8-bit resolution
•
Supply Voltage of 1.6V to 3.6V
•
High Accuracy: Trimmed Sensitivity of 2.25mV/G and 3.8mV/G
at 1.8V and 3V Respectively with Accuracy of 3% at +25°C
•
Low Offset Voltage
•
Low Average Supply Current
8.9µA Typical in Sleep Mode (Default) at 1.8V
1.01mA Typical in Auto-Run Mode (6.25kHz) at 1.8V
12µA Typical in External Drive Mode with 20Hz Sample
Rate at 1.8V
1.16mA Typical in External Drive Mode with 7.14kHz
Sample Rate at 1.8V
Chopper Stabilized Design with Superior Temperature Stability,
Minimal Sensitivity Drift, Enhanced Immunity to Physical Stress
•
Output Voltage Maintained at ‘Sleep’ Mode
•
-40°C to +85°C Operating Temperature
•
High ESD Capability of 6kV Human Body Model
•
Small Low Profile U-DFN2020-6 Package
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
U-DFN2020-6
Applications
•
High Accuracy Level, Proximity, Position and Travel Detection
•
Button Press Detection in Digital Still, Video Cameras and
Handheld Gaming Consoles
•
Accurate Door, Lids and Tray Position Detection
•
Liquid Level Detection
•
Joy Stick Control – Gaming and Industrial Applications
•
Contact-Less Level, Proximity and Position Measurement in
Home Appliances and Industrial Applications
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AH8501

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
AH850 FARADAY-AH850 Datasheet
92Kb / 2P
FULLY BUFFERED HYBRID OVERSAMPLED LUMINANCE FILTER
logo
Diodes Incorporated
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
AH8502-FDC-7 DIODES-AH8502-FDC-7 Datasheet
648Kb / 19P
MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
More results

Similar Description - AH8501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
Diodes Incorporated
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
logo
SEC Electronics Inc.
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com