Electronic Components Datasheet Search
  English  ▼

X  

AH8501 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH8501
Description  HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8501 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH8501 Datasheet HTML 1Page - Diodes Incorporated AH8501 Datasheet HTML 2Page - Diodes Incorporated AH8501 Datasheet HTML 3Page - Diodes Incorporated AH8501 Datasheet HTML 4Page - Diodes Incorporated AH8501 Datasheet HTML 5Page - Diodes Incorporated AH8501 Datasheet HTML 6Page - Diodes Incorporated AH8501 Datasheet HTML 7Page - Diodes Incorporated AH8501 Datasheet HTML 8Page - Diodes Incorporated AH8501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AH8501
Document number: DS37512 Rev. 1 - 2
4 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8501
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD and VOUT Supply Voltage and Output Voltage (Note 7)
4
V
VDD_REV and
VOUT_REV
Reverse Supply and Output Voltage
-0.3
V
IOUT
Output Current (limited by 10kOhms output resistor)
VDD/10
mA
B
Magnetic Flux Density Withstand
Unlimited
PD
Package Power Dissipation
U-DFN2020-6
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
ESD HBM
Human Body Model (HMB) ESD Capability
6
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 4V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6V to 3.6V
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (Notes 8 & 9) (@TA = +25°C, VDD = 1.8V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Current
IDD_AWAKE
Supply Current in Awake Period
(During “Awake” Period)
VOUTPUT = VDD/2, ENABLE = VDD, VDD = 1.8V
(Note 10)
-
1.35
1.7
mA
VOUTPUT = VDD/2, ENABLE = VDD, VDD = 3V
(Note 10)
-
1.92
2.4
IDD_SLEEP
Supply Current in Sleep Mode
(During ‘Sleep’ Period)
VOUTPUT = VDD/2, ENABLE = GND, VDD = 1.8V
-
8.93
15
µA
VOUTPUT = VDD/2, ENABLE = GND, VDD = 3V
-
11.1
18
IDD_20Hz
Average Supply Current at 20Hz
Sample Rate
VOUTPUT = VDD/2, ENABLE clocking at 20Hz
frequency, VDD = 1.8V (Note 10)
-
12.1
20
µA
VOUTPUT = VDD/2, ENABLE clocking at 20Hz
frequency, VDD = 3V (Note 10)
-
15.7
25
µA
IDD_7kHz
Average Supply Current at 7.14kHz
Sample Rate
VOUTPUT = VDD/2, ENABLE clocking at 7.14kHz,
VDD = 1.8V (Note 10)
-
1.16
1.5
mA
VOUTPUT = VDD/2, ENABLE clocking at 7.14kHz,
VDD = 3V (Note 10)
-
1.65
2.1
mA
IDD_AUTORUN
Average Supply Current in Auto-Run
Mode when ENABLE = Logic High
(or VDD) Continuously
(The sampling frequency when
ENABLE = High continuously is
6.25kHz)
VOUTPUT = VDD/2, ENABLE = VDD, VDD = 1.8V
(Note 10)
-
1.01
1.3
mA
VOUTPUT = VDD/2, ENABLE = VDD, VDD = 3V
(Note 10)
-
1.44
1.8
mA
Notes:
8. When power is initially turned on, the operating VDD (1.6V to 3.6V) must be applied to guarantee the output sampling.
After the supply voltage reaches minimum operating voltage, the output state is valid after 140us after the ENABLE pin pulled or clocked high.
9. Typical data is at TA = +25°C, VDD = 1.8V unless otherwise stated.
10. The parameters are not tested in production, they are guaranteed by design, characterization and process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com