Electronic Components Datasheet Search
  English  ▼

X  

AP7342 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7342 Datasheet HTML 3Page - Diodes Incorporated AP7342 Datasheet HTML 4Page - Diodes Incorporated AP7342 Datasheet HTML 5Page - Diodes Incorporated AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated AP7342 Datasheet HTML 10Page - Diodes Incorporated AP7342 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
Typical Characteristic (cont.)
Load Transient Response Waveforms(V
2.8V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
2.80
2.78
2.82
1.8V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
1.80
1.78
1.82
7 of 14
www.diodes.com
Load Transient Response Waveforms(VIN=VOUT+1V, CIN=COUT1=COUT2=0.47µ
4
3
2
0
20
40
60
80
4
3
2
March 2015
© Diodes Incorporated
AP7342
µ
F, TA=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com