Electronic Components Datasheet Search
  English  ▼

X  

AP7342 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated AP7342 Datasheet HTML 10Page - Diodes Incorporated AP7342 Datasheet HTML 11Page - Diodes Incorporated AP7342 Datasheet HTML 12Page - Diodes Incorporated AP7342 Datasheet HTML 13Page - Diodes Incorporated AP7342 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
ESR vs. Output Current
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR
between IOUT (Output Current) and ESR of an output capacitor are shown
Measurement Conditions: Frequency Band: 10Hz to 2MHz
Ordering Information
CH1/CH
Output Discharge
CH1
12 : 1.2
15 : 1.5
18 : 1.8
25 : 2.5
28 : 2.8
30 : 3.0
33 : 3.3
36 : 3.6
Blank : Non-discharge
D : Output Discharge
Device
Package
Code
AP7342-XXXXFS6-7
FS6
AP7342D-XXXXFS6-7
FS6
0.001
0.01
0.1
1
10
100
0
50
100
150
200
Output Current I
OUT (mA)
ESR vs. Output Current
AP7342-18
10 of 14
www.diodes.com
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR
(Output Current) and ESR of an output capacitor are shown below. The stable region is marked as the hatched area in the graph.
Frequency Band: 10Hz to 2MHz, Temperature: −40°C to +85°C.
AP7342X XXXX FS6
–
–
–
– 7
Package
CH2 Output Voltage
FS6 : X2-DFN1212-6
1
CH2
2V
12 : 1.2V
5V
15 : 1.5V
8V
18 : 1.8V
5V
25 : 2.5V
8V
28 : 2.8V
0V
30 : 3.0V
3V
33 : 3.3V
6V
Packaging
7” Tape and Reel
Quantity
X2-DFN1212-6
5,000/Tape & Reel
X2-DFN1212-6
5,000/Tape & Reel
200
250
300
(mA)
ESR vs. Output Current
-40°C
85°C
0.001
0.01
0.1
1
10
100
0
50
100
150
Output Current I
ESR vs. Output Current
AP7342-33
March 2015
© Diodes Incorporated
AP7342
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR can also be used. The relations
marked as the hatched area in the graph.
7 : Tape & Reel
Packing
7” Tape and Reel
Part Number Suffix
-7
-7
200
250
300
Output Current I
OUT (mA)
ESR vs. Output Current
33
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com