Electronic Components Datasheet Search
  English  ▼

X  

AP7342 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated AP7342 Datasheet HTML 10Page - Diodes Incorporated AP7342 Datasheet HTML 11Page - Diodes Incorporated AP7342 Datasheet HTML 12Page - Diodes Incorporated AP7342 Datasheet HTML 13Page - Diodes Incorporated AP7342 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
12 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN1212-6
Dim
Min
Max
Typ
A
-
0.40
0.39
A1
0.00
0.05
0.020
A3
-
-
0.13
b
0.13
0.23
0.18
D
1.15
1.25
1.20
D2
0.89
0.99
0.94
E
1.15
1.25
1.20
E2
0.25
0.35
0.30
e
-
-
0.40
k
0.15
0.25
0.20
L
0.15
0.25
0.20
z
-
-
0.11
z1
-
-
0.05
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.400
G
0.150
X
0.250
X1
0.940
X2
1.050
Y
0.400
Y1
0.300
Y2
1.400
A
A3
Seating Plane
A1
D
E
L
b
D2
E2
e
k
Pin 1 ID C0.15
z
z1
Y2
X2
C
Y1
X1
X
Y
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com