Electronic Components Datasheet Search
  English  ▼

X  

AN521 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AN521
Description  IRLED SELECTION GUIDE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN521 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AN521 Datasheet HTML 9Page - Silicon Laboratories AN521 Datasheet HTML 10Page - Silicon Laboratories AN521 Datasheet HTML 11Page - Silicon Laboratories AN521 Datasheet HTML 12Page - Silicon Laboratories AN521 Datasheet HTML 13Page - Silicon Laboratories AN521 Datasheet HTML 14Page - Silicon Laboratories AN521 Datasheet HTML 15Page - Silicon Laboratories AN521 Datasheet HTML 16Page - Silicon Laboratories AN521 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN521
Rev. 0.1
13
To make adjustments for the overlay transmittance,
I
e(0) = 295 * 1.2 / (0.95^2) = 392 mW/sr
At 400 mA, the radiant intensity of the SFH 4259S is 5 times the typical rated radiant intensity of 130 mW/sr which
would lead to 650 mW/sr, easily meeting the 392 mW/sr requirement.
Silicon Labs makes the following suggestions based upon general knowledge of the application and published
device performance of various LED suppliers. The information contained in this application note is intended as a
guideline only. The user of these guidelines assumes full responsibility and associated liability for final device and
supplier selection. It is expected that the user of these guidelines will perform due diligence to determine the
suitability of any device and/or manufacturer for their specific business requirements.
OSRAM SFH 4259S, SFH 4550, SFH 4556
Vishay TSHG5410
Everlight HIR5393C/L223
4.2. A Typical One-Dimensional Linear Position Sensing Application (11 cm)
In this application the objective is to detect a one-dimensional linear movement along the plane that intersects the
radiation cones of the LEDs (see Figure 7). In this section, the application will be referred to as an irSLIDER.
Each LED is turned on at different times measuring the reflected power with each sample processed by the Si114x
and host MCU. If the reflected power levels are equal, the position is directly above the Si114x detector. The actual
math involved in implementing an irSLIDER is beyond the scope of this document.
The most important concept is to recognize that the light from each irLED must reach the entire width of the
irSLIDER and that the light reflected from the extreme angles should reach the Si114x.
The assumptions are given as:
1 cm separation between each LED to Si114x
Clear acrylic cover with NIR transmission >95%
Optical isolation between emitter and detector
Minimum width of coverage is 11 cm @ 6 cm distance
Object size is 6 x 10 cm or about the average size of a human hand,
= 0.47
SMT low profile package
I
e0

0.25e
6
–
 100
4

0.84
0.5
625

 295 mW sr
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com