Electronic Components Datasheet Search
  English  ▼

X  

AN521 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # AN521
Description  IRLED SELECTION GUIDE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN521 Datasheet(HTML) 2 Page - Silicon Laboratories

  AN521 Datasheet HTML 1Page - Silicon Laboratories AN521 Datasheet HTML 2Page - Silicon Laboratories AN521 Datasheet HTML 3Page - Silicon Laboratories AN521 Datasheet HTML 4Page - Silicon Laboratories AN521 Datasheet HTML 5Page - Silicon Laboratories AN521 Datasheet HTML 6Page - Silicon Laboratories AN521 Datasheet HTML 7Page - Silicon Laboratories AN521 Datasheet HTML 8Page - Silicon Laboratories AN521 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AN521
2
Rev. 0.1
3. How to Choose an irLED
Choosing an irLED for Proximity Detection applications is analogous to purchasing a light bulb. The following steps
are involved in choosing an irLED:
1. Understand the concepts of half-angle, radiant intensity and radiant flux.
2. Determine the irLED half-angle for the intended application.
3. Determine the irradiance necessary at sensor.
4. Calculate the radiant intensity needed to arrive at the necessary irradiance.
5. Make adjustments based on the overlay.
3.1. Understanding Half-Angle, Radiant Intensity, and Radiant Flux
There are three important concepts that are linked together. Understanding these three key concepts is important
to the irLED decision.
Radiant flux is a measurement of light power. It is a power measurement expressed in watts.
The half-angle of an irLED is the angle measured with respect to the LED's light emission center line at which
the radiant intensity falls to 50% of its max value. It is an indicator of radiation pattern of the irLED.
The radiant intensity is a measurement radiant flux per unit solid angle from a point light source. Radiant
intensity is expressed in watts per steradian.
In general, the cost of an irLED is linked to the radiant flux (power).
Note: “Radiant flux" is a power measurement and uses the measurement of watts.
To allow us to more easily relate to this concept, we can imagine making a choice between a 100-watt
incandescent bulb and a 15-watt incandescent bulb. A 100-watt bulb is generally more expensive than a 15-watt
bulb; not only in its initial cost of investment, but also in the recurring usage cost as well. The 100-watt bulb is
generally brighter than a 15-watt bulb also.
To minimize cost, the challenge is to choose the right irLED that emits the right amount of illumination (irradiation)
depending on the size and distance of the target we need to illuminate (irradiate).
The next concept is “half-angle.” The half-angle of an irLED describes the radiation pattern of an irLED. The radiant
intensity at the half-angle is ½ the radiant intensity compared to the axial direction. Refer to Figure 1.
The irLED does not radiate equally in all directions. An irLED with a narrow half-angle concentrates most of its
power at a smaller region of space. The radiant intensity becomes higher as a result.
Conceptually, imagine taking a 15-watt bulb and placing it in a parabolic reflector. Most of the light power is
redirected to a certain direction. Fundamentally, the radiant flux (power) has not changed, but, in the intended
direction, the radiant intensity increases significantly. The higher radiant intensity is achieved by redirecting the
power towards the intended illumination target.
Given an irLED with a similar half-angle radiation pattern, the irLED with higher radiant intensity in the axial
direction can only do so if the radiant flux is higher. In the same way, given an irLED with the same radiant flux
(power), an irLED with a larger half-angle would have a lower radiant intensity in the axial direction.
These three concepts of half-angle, radiant intensity and radiant flux are all linked together. It is good engineering
practice to direct all of the available light only in the direction which will illuminate the intended target. This way, it is
possible to choose the least expensive irLED which can do the intended job.
In general:
Cost is proportional to Radiant Flux (W)
Radiant Flux (W) is proportional to Half Angle x Radiant Intensity.
What these equations imply is that given a fixed cost (implied by the radiant flux rating of the irLED), there is a
trade-off between the radiation pattern (half-angle) and the radiant intensity of the irLED.
We can use a common reflector and a flashlight to allow us to relate to the equations stated above.
A flashlight consists of an incandescent bulb. Without the reflector, a light bulb radiates in almost all directions
(except the direction where the bulb connects to the socket). The reflectors of the flashlight direct the light that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com