Electronic Components Datasheet Search
  English  ▼

X  

AN521 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # AN521
Description  IRLED SELECTION GUIDE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN521 Datasheet(HTML) 4 Page - Silicon Laboratories

  AN521 Datasheet HTML 1Page - Silicon Laboratories AN521 Datasheet HTML 2Page - Silicon Laboratories AN521 Datasheet HTML 3Page - Silicon Laboratories AN521 Datasheet HTML 4Page - Silicon Laboratories AN521 Datasheet HTML 5Page - Silicon Laboratories AN521 Datasheet HTML 6Page - Silicon Laboratories AN521 Datasheet HTML 7Page - Silicon Laboratories AN521 Datasheet HTML 8Page - Silicon Laboratories AN521 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AN521
4
Rev. 0.1
Example: If the distance to the target is 100 cm and width of coverage 100 cm, then:
irLEDs come in standard half-angles of 5, 10, 15, 20, 30, 60, etc. Choose the nearest half-angle available; in this
case an angle of 30 degrees would be appropriate to fully cover the target. An angle of 20 degrees could also work
if the designer trades off a slightly longer distance to obtain the same width of coverage (e.g. D= (100 * 0.5) ÷
tan(20) = 137cm).
3.3. Deciding Target Irradiance at the Sensor
In prior sections it was stated that an irLED decision is contingent upon knowing the half-angle and the radiant
intensity. The method of choosing the irLED radiant intensity is covered in the next section. However, before it is
possible to derive the radiant intensity of the irLED, it is important to know the minimum irradiance level needed at
the sensor. This section provides some guidelines for choosing the proper irradiance target.
Ee(sensor) is the power in mW/cm2 incident to the surface of the Si114x detector assuming that the irLED emitter
is beside the Si114x, and that the target object is directly above both the irLED and the Si114x.
Fundamentally, the Si114x must be able to measure an increase in irradiance due to the irLED, compared to the
background ambient level. The Si114x internally makes two measurements. The first measurement is made with
the irLED disabled to estimate the background IR radiation. The second measurement is with the irLED enabled.
The Si114x reports the difference between these two measurements. The difference in reading is proportional to
the reflected light from the target object, illuminated by the irLED.
The required irradiance at the sensor is a function of the ambient IR noise level, the IR ambient level, the light
source type, and the ADC setting used by the Si114x.
Assuming that the sensor is operating indoors, illuminated with artificial light sources with at maximum expected
light levels of less than 450 lux incandescent or 1 klx of CFL lighting, the default Si114x Proximity ADC Setting can
be used. Under this condition, 4 uW/cm2 is the minimum irradiance target at the sensor.
For applications that need to operate under high levels of artificial lighting (but less than 6.5 klx incandescent or
14.5 klx of CFL lighting), the HSIG bit in the PS_ADC_MISC needs to be set. The minimum irradiance at the
sensor in this case is 58 uW/cm2.
For applications operating outdoors but not under direct sunlight, the PS_ADC_MISC HSIG bit should be set. The
minimum irradiance target of 7 uW/cm2 would be sufficient.
For use under direct sunlight, in addition to setting the HSIG bit, the PS_ADC_MUX may also need to be
configured to use the smaller IR photodiode to avoid saturation. In this case, the minimum irradiance target is 45
uW/cm2.
Table 1. Typical Ee Design Targets
Ee (sensor)
Minimum
HSIG Bit
IR Photo
Diode
ADC
Integration
Time
Usage (no overlay assumed)
0.25 uW/cm2
No
Large
408.6
s
Artificial Lighting CFL < 63 lx; Incandescent < 23 lx
0.5 uW/cm2
No
Large
204.8
s
Artificial Lighting CFL < 125 lx; Incandescent < 56 lx
1 uW/cm2
No
Large
102.4
s
Artificial Lighting CFL < 250 lx; Incandescent < 112 lx
2 uW/cm2
No
Large
51.2
s
Artificial Lighting CFL < 500 lx; Incandescent < 225 lx
4 uW/cm2
No
Large
25.6
s
Artificial Lighting CFL < 1 klx; Incandescent < 450 lx
8 uW/cm2
Yes
Large
25.6
s
Artificial Lighting CFL < 2 klx; Incandescent < 900 lx
arctan 100
0.5 100

26.6 degrees
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com