Electronic Components Datasheet Search
  English  ▼

X  

AP91352 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP91352
Description  SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP91352 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP91352 Datasheet HTML 1Page - Diodes Incorporated AP91352 Datasheet HTML 2Page - Diodes Incorporated AP91352 Datasheet HTML 3Page - Diodes Incorporated AP91352 Datasheet HTML 4Page - Diodes Incorporated AP91352 Datasheet HTML 5Page - Diodes Incorporated AP91352 Datasheet HTML 6Page - Diodes Incorporated AP91352 Datasheet HTML 7Page - Diodes Incorporated AP91352 Datasheet HTML 8Page - Diodes Incorporated AP91352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP91352
Document number: DS38109 Rev. 1 - 2
5 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP91352
Electrical Characteristics (Cont.) (Note 6) (All specifications are for -10°C < TA < +85°C, VCC = 5V, unless otherwise noted.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
SAS Disable
SASL
Logic Level Low
Output Enabled
0.35
–
0.7
V
SASH
Logic Level High
Output Disabled
0.8
1.0
2.1
V
SASHmax
Maximum Pin Voltage
–
–
–
3.3
V
SAS-ΩIN
Input Impedance
To GND
350
500
1000
kΩ
SAS-TDLY
Deglitch Filter
–
2
–
–
μs
–
Human Body JESD22-A114
–
1
–
–
kV
–
Charged Device JESD22-C101
–
500
–
–
V
Notes:
6. Typical data is measured at TA = +25C, VCC = 5V. The maximum and minimum parameters values over operating temperature range are not tested in
production, they are guaranteed by design, characterization and process control.
7. The slew rate control is held in reset until the input voltage is greater than the UVLO rising threshold and Enable = High. The slew rate control is reset
when input voltage drops below UVLO falling threshold, Enable changes from High to Mid or Low, SA = High or reverse current detection.
8. Reverse current detection will latch off the Isofet switch; In AP91352, this condition can be reset by under voltage lock out, by EN/FAULT and SAS pin,
when VOUT falls below the supply pin voltage (VCC) by 100mV typical at TA = +25C, VCC = 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com