Electronic Components Datasheet Search
  English  ▼

X  

AP91352 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP91352
Description  SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP91352 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP91352 Datasheet HTML 1Page - Diodes Incorporated AP91352 Datasheet HTML 2Page - Diodes Incorporated AP91352 Datasheet HTML 3Page - Diodes Incorporated AP91352 Datasheet HTML 4Page - Diodes Incorporated AP91352 Datasheet HTML 5Page - Diodes Incorporated AP91352 Datasheet HTML 6Page - Diodes Incorporated AP91352 Datasheet HTML 7Page - Diodes Incorporated AP91352 Datasheet HTML 8Page - Diodes Incorporated AP91352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP91352
Document number: DS38109 Rev. 1 - 2
1 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP91352
SAS DISABLE +5V eFUSE WITH INTEGRATED ISOFET
Description
The eFuse is a 5V protection device with a bidirectional switch that
incorporates input slew rate control to reduce input surge current and
reverse current detection to prevent discharge to VCC from VOUT.
The eFuse protection features include under voltage lockout, a fixed
2.5A current limit, trimmed fast response over voltage protection and
thermal shutdown. The EN/FAULT line is a tri-state bidirectional
interface that can be used to disable the output by pulling the line low
through an external open drain device. If a thermal fault occurs, the
voltage on the pin will go to an intermediate voltage indicating a fault
and it can be connected to another device to cause simultaneous shut
down. The SAS pin is an ESD protected interface that allows direct
external control of the eFuse. Driving the SAS pin high pulls the
enable line low causing the eFuse to shutdown and enter a low
quiescent current state.
The integrated Isofet latches off when the reverse current is detected.
This can be reset only by triggering the under voltage lock out, by
EN/FAULT pin or when voltage on the output pin (VOUT) falls below
the supply pin voltage (VCC) in AP91352.
The AP91352 is available in a standard Green W-QFN3020-12
package and is RoHS compliant.
Features
SAS Disable
2.1V Signal Disables the eFuse
ESD Compliant to1kV HBM and 500V CDM
Integrated Isofet that latches off when reverse current is
detected. Latch off is reset by
SAS pin
UVLO Trigger
EN/FAULT Pin
Input Tolerant of Continuous 12V
50m
 Typical Total on Resistance
Fixed 2.5A Over Current Protection (OCP)
Over Voltage Protection (OVP)
Trimmed 5.5V to 6.0V Fast Response
50µs Latch off
Fixed 13ms ±20% Slew Rate Control (SRC)
Over Temperature Protection (OTP)
Under Voltage Lockout (UVLO)
Thermally Efficient Low Profile Package, W-QFN3020-12
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
W-QFN3020-12
6
11
10
9
8
7
12
1
2
3
4
5
VOUT
VOUT
VOUT
NC
NC
VCC
VCC
VCC
SAS
EN/FAULT
NC
GND
13
Applications
HHD Drives
SSD Drives
Mother Board Power Management
Printer Load Power Management
Fan Drives
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more i
nformation about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP91352

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9101CAK-AATRG1 DIODES-AP9101CAK-AATRG1 Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9101CAK-ABTRG1 DIODES-AP9101CAK-ABTRG1 Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9101CAK-ACTRG1 DIODES-AP9101CAK-ACTRG1 Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9101CAK-ADTRG1 DIODES-AP9101CAK-ADTRG1 Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
More results

Similar Description - AP91352

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
5V 2A Low Dropout Regulator with Disable
logo
Texas Instruments
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
STMicroelectronics
TDA8134 STMICROELECTRONICS-TDA8134 Datasheet
335Kb / 4P
5V 12V REGULATOR WITH DISABLE
Sep-1993
TDA8135 STMICROELECTRONICS-TDA8135 Datasheet
89Kb / 4P
5V ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE
Sep-1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com