Electronic Components Datasheet Search
  English  ▼

X  

AP91352 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP91352
Description  SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP91352 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP91352 Datasheet HTML 1Page - Diodes Incorporated AP91352 Datasheet HTML 2Page - Diodes Incorporated AP91352 Datasheet HTML 3Page - Diodes Incorporated AP91352 Datasheet HTML 4Page - Diodes Incorporated AP91352 Datasheet HTML 5Page - Diodes Incorporated AP91352 Datasheet HTML 6Page - Diodes Incorporated AP91352 Datasheet HTML 7Page - Diodes Incorporated AP91352 Datasheet HTML 8Page - Diodes Incorporated AP91352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP91352
Document number: DS38109 Rev. 1 - 2
4 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP91352
Electrical Characteristics (Note 6) (All specifications are for -10°C < TA < +85°C, VCC = 5V, unless otherwise noted.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Supply Current
IQ
VCC Supply Current
EN = High, SAS = 0, ILOAD = 0A
–
–
300
μA
Fault Latch off
–
100
–
μA
EN = Low
–
–
100
μA
Power FET
RDS(ON)
ON Resistance
TA = +25°C
–
50
–
mΩ
TJ = +80°C
–
95
–
mΩ
tON-DLY
Turn-on Delay
Enable ID = 100mA, 1A Resistive Load
–
500
–
μs
IDC
Continuous Current
TA = +25°C, 0.5 sq in copper
–
2
–
A
IOFF
Off State Leakage
VCC = 12V, EN = Low
–
–
1
μA
Slew Rate Control
SRC
Slew Rate Control
EN to VOUT = 4.7V (Note 7)
10.4
13.0
15.6
ms
Current Protection
ILIM
Current Limit
–
2.5
3.0
–
A
ISHORT
Short Circuit Current
–
2.2
3.0
–
A
tILIM
Current Limit Response
–
5.5
–
40
μs
Reverse Current Limit / Under Voltage Protection
IQREVERSE
Fast Reverse Current Limit
(Note 8)
1
–
1.7
A
tQREVERSE
Fast Reverse Current Limit Response Time
VCC dv/dt = -
5V/100μs
5
–
10
μs
UVLO
Under Voltage Lock Out
UVLO Rising
3.8
4.0
4.2
V
UVLO-hys
Under Voltage Hysteresis
–
–
0.3
–
V
–
Under Voltage Response
–
–
2.0
–
μs
Over Voltage Protection
OVP
Over Voltage Clamping
–
5.5
6
6.25
V
tOVP
Over Voltage Response
COUT = 20µF, dv/dt (VCC) = 0.5V/µs, VOUT
< 6.5V
–
20
40
μs
Thermal Protection
THSD
Shutdown Temperature
–
+130
+150
+200
°C
Enable/Fault
VL
Logic Level Low
Output Disabled (Note 7)
0.35
–
0.8
V
VM
Logic Level Mid
Thermal Fault, Output Disabled (Note 7)
0.9
–
1.95
V
VH
Logic Level High
Output Enabled
2.1
–
3.3
V
VMAX
Maximum High State
–
3.4
–
5.2
V
IL
Logic Low Sink Current
EN = 0V
–
-12
-20
μA
IH
Logic Level High
EN = 3.3V
–
–
1
μA
FAN
Fan out
–
–
–
3
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com