Electronic Components Datasheet Search
  English  ▼

X  

PAM8009 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8009 Datasheet HTML 1Page - Diodes Incorporated PAM8009 Datasheet HTML 2Page - Diodes Incorporated PAM8009 Datasheet HTML 3Page - Diodes Incorporated PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
5 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
Typical Performance Characteristics
THD+N vs. Output Power
0.04
50
0.1
0.2
0.5
1
2
5
10
20
%
1m
5
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
THD+N vs. Frequency
0.03
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.06
10
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Crosstalk vs. Frequency
VDD=5v
RL=8Ω+33uH
THD+N≦10%
Av=20dB
AUX-0025
AES-17(20KHz)
F=100Hz / 1KHz / 10KHz
VDD=5v
RL=4Ω+33uH
THD+N≦10%
Av=20dB
AUX-0025
AES-17(20KHz)
F=100Hz / 1KHz / 10KHz
VDD=5v
RL=8Ω
Av=20dB
AUX-0025
AES-17(20KHz)
Po=0.3W / 0.5W / 0.8W
VDD=5v
RL=4Ω
Av=20dB
AUX-0025
AES-17(20KHz)
Po=0.5W / 1W / 1.5W
-100
+0
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TT TT T
T
TT
T T TT
TT
TTT TT
TT TT
T
T
T
TT TT
T
TT
T T
T
T
TT
T
T T
TT
T
T
TT TT T T
T
TT TT
TT
TT TT T
T
VDD=5v
Vo=1Vrms
RL=8Ω
Av=20dB
AUX-0025
AES-17(20KHz)
R-Channel to L-Channel
R-Channel to L-Channel
-100
+0
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TT
T T
TT
T T
TT
TT
T
TT TT T
T
TT TT T
T
TT TT
T
T
TT TT
T T T
TT TT TT
TT TTT
TT TT
T
TT T T
T
T
VDD=5v
Vo=1Vrms
RL=4Ω
Av=20dB
AUX-0025
AES-17(20KHz)
R-Channel to L-Channel
R-Channel to L-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com