Electronic Components Datasheet Search
  English  ▼

X  

PAM8009 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8009 Datasheet HTML 1Page - Diodes Incorporated PAM8009 Datasheet HTML 2Page - Diodes Incorporated PAM8009 Datasheet HTML 3Page - Diodes Incorporated PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
1 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
3W STEREO CLASS-D Audio Amplifier and Class AB
Headphone Driver (DC VOLUME, UVP and AGC Function)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-
free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds.
Description
The PAM8009 is a 3W, Class D audio-power amplifier for driving
bridged-tied stereo speakers. Advanced DC volume control minimizes
external components and allows BTL (Speaker) volume control and
SE (Headphone) volume control, the gain range is from +20dB
(Volume=5V) to -60dB (Volume=0V) with 64 steps precise control.
Integrated power-limit technology suppresses the output signal
clip automatically due to the over level input signal. This technology
also offers low THD+N and protects speaker.
Integrated Undervoltage Protection (UVP) technology, external
undervoltage detection can be used to shut down the PAM8009 before
an input device can generate a pop.
PAM8009 is available in SO-24 and U-QFN4040-20.
Pin Assignments
BYPASS 4
ROUTN 1
RINN 5
SD 3
P8009
XXXYW
HP_ROUT 2
13 VDD
15 LOUTN
12 UVP
14 HP_LOUT
11 AGC
Features
•
Operating Voltage: 2.8v ~ 5.5v
•
Filter – Free and Low EMI
•
Low Quiescent Current
•
IDD=7mA @ VDD= 5V
•
64 Steps DC Volume Control from -80dB to +20dB by DC Voltage
with Hysteresis
•
Power Limit Function
Disable: 0.45VDD ~ VDD
Max. Power: GND
•
UVP Function
Disable: Floating
•
Output Power @ THD+N=1%
BTL Mode
VDD=5V, Rl=4Ω; Po=2.4W
VDD=5V, Rl=8Ω; Po=1.4W
SE Mode
VDD=5V, Rl=32Ω; Po=60mW
•
Output Power @ THD+N = 10%
BTL Mode
VDD=5V, Rl=4Ω; Po=3.0W
VDD=5V, Rl=8Ω; Po=1.7W
•
Input Signal and Headphone Output Signal in Phase
•
Thermal and Over-Current Protections with Auto-Recovery
•
Power Enhance Package SO-24 and U-QFN4040-20
•
Lead Free and Green Devices Available (RoHS Compliant)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green Device (Note 3)
Applications
•
LCD Monitor / Projects
•
Projects / All-In-One Computers
•
Portable Speakers
•
Portable DVD Player / Game Machines


Similar Part No. - PAM8009

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001NHR PAM-PAM8001NHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001XHR PAM-PAM8001XHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
More results

Similar Description - PAM8009

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2035 EUTECH-EUA2035 Datasheet
150Kb / 1P
3W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com