Electronic Components Datasheet Search
  English  ▼

X  

PAM8009 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated PAM8009 Datasheet HTML 10Page - Diodes Incorporated PAM8009 Datasheet HTML 11Page - Diodes Incorporated PAM8009 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
8 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
Application Information
AGC Function
When output reaches the maximum power-setting value, the Internal Programmable Gain Amplifier will decrease the gain to prevent the output
waveform from clipping. This feature prevents speaker damage from occurring using the AGC pin to set the AGC function, limiting the output
power.
Table 1: AGC Setting Threshold vs. Output
AGC Function
Output Power
VDD ~ 0.45VDD or
AGC Floating
AGC function Disable
0.45VDD ~ 0.27VDD
Po=[[8(1/2VDD-VAGC)^2]/Rl] x 0.95
0.27VDD ~ GND
Po=2.3W (Max. output power 4Ω)
Po=1.2W (Max. output power 8Ω)
Mute Operation
The MUTE pin is an input for controlling the Class-D output state of the PAM8009. A logic low on this pin enables the outputs, and a logic high on
this pin disables the outputs. This pin may be used to quickly disable or enable the outputs without a volume fade. Quiescent current is listed in the
electrical characteristics table. The MUTE pin can be left floating due to the internal pull-down.
Shutdown Operation
In order to reduce power consumption while not in use, the PAM8009 contains shutdown circuit to turn off the amplifier’s bias circuit. The amplifier
is turned off when logic low is placed on the /SD pin. When switching the /SD pin to low level, the amplifier enters a low-consumption current status.
The /SD pin can be left floating due to the internal pull-up.
Undervoltage Protection
External undervoltage detection can be used to shut down the PAM8009 before an input device can generate a pop. The shutdown threshold at the
UVP pin is 1.2V. The user selects a resistor divider to obtain the shutdown threshold and hysteresis for the specific application.
The threshold can be determined as below:
With the condition: R3 >> R1//R2
VUVP = [1.2-(6uA x R3)] x (R1+R2)/ R2
Hysteresis = 5uA x R3 x (R1+R2)/ R2
Power Supply Decoupling
The PAM8009 is a high performance CMOS audio-amplifier that requires adequate power supply decoupling to ensure the outputs of THD and
PSRR are as low as possible. Power supply decoupling also prevents oscillation caused by long lead between the amplifier and the speaker. The
optimum decoupling is achieved by using two capacitors of different types that target different types of noise on the power supply leads. For higher
frequency transients, spikes, or digital hash on the line, a good Low-Equivalent-Series-Resistance (ESR) ceramic-capacitor, typically 0.1uF is
recommend, placing it as close as possible to the device’s VDD lead. For filtering lower-frequency noise signals, a large capacitor of 10uF or
greater placed near the audio amplifier is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com