Electronic Components Datasheet Search
  English  ▼

X  

CS5519 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
9
Electrical Characteristics
DA/AC Characteristics for AFE
TA=–40°C to 95°C, VDD=3.3V, I
2C bus frequency=400kHz, unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
ADC DC Accuracy
Resolution
8
Bits
No Missing Codes
Standard/Fast
6
8
Bits
Integral Linearity Error
INL
Standard/Fast
±2
LSB
Differential Linearity Error
Offset Error
Gain Error
DNL
External VREF
±1
±2
±1
LSB
LSB
LSB
Analog Input
Full-scale Input Span
Absolute Input Range
0
-0.2
VDD
VDD+0.2
V
V
ADC Sampling Dynamics
Throughput Rate
500
ksps
Reference Input
Input Voltage Range
1.8
VDD
V
Switched-capacitor Integrator
Output Voltage Range
0.3
VDD-0.3
V
Integrator Capacitor
CINT
12
pF
Digital Input/Output
Logic Family
CMOS
Input High Voltage
VIH
0.7×VDD
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0.3×VDD
V
Output High Voltage
VOH
0.8×VDD
V
Output Low Voltage
VOL
0.4
V
Input High Voltage for
P3.6 (GPIO18)
VIH18
0.7×VDD18
VDD18+0.3
V
Input Low Voltage for P3.6
(GPIO18)
VIL18
-0.3
0.3×VDD18
V
Output High Voltage for
P3.6 (GPIO18)
VOH18
0.8×VDD18
V
Output Low Voltage for
P3.6 (GPIO18)
VOL18
0.2×VDD18
V
Power Supply
Supply Voltage
VDD
Operating voltage
2.8
3.6
V
Quiescent Current
Standard
mode:
IOSC=4MHz
to
48MHz
TBD
mA
Power-down mode
10
A
Temperature Range
Specified Performance
-40
95
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com