Electronic Components Datasheet Search
  English  ▼

X  

CS5519 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
14
Mechanical Dimensions (Continued)
QFN-8×8-68
Unit: mm(inch)
7.900(0.311)
8.100(0.319)
7.900(0.311)
8.100(0.319)
Pin 1 Mark
1
2
Pin 1 Options
DETAIL A
3
4
1
2
3
4
1
2
3
4
# 1 IDENTIFICATION
See DETAIL A
PIN
.
Symbol
D
E
min(mm) max(mm)
max(mm)
min(mm)
min(inch)
min(inch)
max(inch)
max(inch)
Option1
Option2
4.300
5.400
4.500
5.600
0.169
0.177
0.213
0.220
4.500
5.600
4.300
5.400
0.169
0.213
0.177
0.220
0.400(0.016)
BSC
0.150(0.006)
0.250(0.010)
N18
N1
D
N68
0.300(0.012)
0.500(0.020)
E
N52
N35
0.700(0.028)
0.800(0.031)
0.000(0.000)
0.050(0.002)
0.203(0.008)
REF
.
Option3
6.100
6.300
0.240
0.248
6.300
6.100
0.240
0.248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com