Electronic Components Datasheet Search
  English  ▼

X  

CS5519 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Electrical Characteristics (Continued)
DA/AC Characteristics for AFE
TA=–40°C to 95°C, VDD=3.3V, I
2C bus frequency=400kHz, unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
3.3V-to-1.8V LDO
Internal
1.8V
Regulator
Output
VDD18,
15mA
1.6
1.8
2.0
V
Output Voltage Trimming
Level
-2/4/6
0
2/4/6
%
Internal OSC
Frequency
4
48
MHz
Operating Current
Operating
frequency=12MHz
50
A
Frequency
Trimming
Level
-10/20/30
0
10/20/30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com