Electronic Components Datasheet Search
  English  ▼

X  

AMS3131 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS3131
Description  3A Fast Transient Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3131 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS3131 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMS3131
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description (TO-220 and TO-263 3-Pin Package)
Pin #
Symbol
Description
1
VIN
Input supply Voltage. It powers the internal control circuitry and the internal power
switch. Bypass VIN with at ceramic capacitor from this pin to ground.
2
GND
Ground
3
VOUT
Output Voltage
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com