Electronic Components Datasheet Search
  English  ▼

X  

AMS3131 Datasheet(PDF) 9 Page - Advanced Monolithic Systems Ltd

Part # AMS3131
Description  3A Fast Transient Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3131 Datasheet(HTML) 9 Page - Advanced Monolithic Systems Ltd

  AMS3131 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AMS3131
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
9
Fax (925) 443-0723
Ordering Information
Device
Package
AMS3131T-XX
(1)(2)(3)
TO-220 3-Pin
AMS3131M-XX
(1)(2)(3)
TO-263 3-Pin
Notes:
1. Available in tape and reel only. A reel contains 2,500 devices.
2. Available in lead-free package only. Device is fully WEEE and RoHS compliant
3. Need to specify output voltage option ( )
Outline Drawing and Landing Pattern
Package dimensions are inches (millimeters) unless otherwise noted.
0.330 -0.370
0.032
0.060
(1.524)
TYP
(8.382-9.398 )
(5.05-5.54)
0.090-0.110
(2.286 -2.794)
0.199 -0.218
(0.81)
TYP
0.390-0.415
(9.906 -10.541 )
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.90-0.110
(2.29-2.79)
0.013-0.023
(0.330 -0.584)
0.108
(2.74)
TYP
(0.102
)
+0.203
-0.102
0.004 +0.008
-0.004
M (DD3) AMS DRW #
042191R1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com