Electronic Components Datasheet Search
  English  ▼

X  

AMS3131 Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS3131
Description  3A Fast Transient Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3131 Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

  AMS3131 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AMS3131
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
Figure 2: AMS3131 TO-263 3-Pin Option
Evaluation Board - Top Side
Figure 3: AMS3131 TO-263 3-Pin Option
Evaluation Board - Bottom Side
Figure 4: AMS3131 Evaluation Board Schematic
Table 1: Evaluation Board Bill of Materials
Component Value
Manufacturer
Manufacturer Part Number
C1,C2
22µF, 10V, X5R, 0805, Ceramic
Taiyo Yuden
LMK212BJ226MG-T
C3,C5,C4,C6
Optional
U1
Low Drop Out Linear Regulator
AMS
AMS3131
C2
22uF
Vin
Vout
C1
22uF
C5
470uF *1
C6
22uF *2
C3
470uF *1
C4
22uF *2
gnd
gnd
C1, C2 22uF X5R 1210 10V Ceramic Capaci tor
*1. Optional Electrolyti c Capaci tor in place of Ceramic Capacitor
*2. Optional Tantalum Capacitor in place of Ceramic Capacitor
U1
AMS3131



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com