Electronic Components Datasheet Search
  English  ▼

X  

LMK03318 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318
Description  Ultra-Low-Noise Jitter Clock Generator Family
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318 Datasheet(HTML) 2 Page - Texas Instruments

  LMK03318 Datasheet HTML 1Page - Texas Instruments LMK03318 Datasheet HTML 2Page - Texas Instruments LMK03318 Datasheet HTML 3Page - Texas Instruments LMK03318 Datasheet HTML 4Page - Texas Instruments LMK03318 Datasheet HTML 5Page - Texas Instruments LMK03318 Datasheet HTML 6Page - Texas Instruments LMK03318 Datasheet HTML 7Page - Texas Instruments LMK03318 Datasheet HTML 8Page - Texas Instruments LMK03318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
LMK03318
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
4 Description Continued
For the PLL, a differential/single-ended clock or crystal input can be selected as its reference clock. The selected
reference input can be used to lock the VCO frequency at an integer or fractional multiple of the reference input
frequency. The VCO frequency can be tuned between 4.8 GHz and 5.4 GHz. The PLL offers the flexibility to
select a predefined or user-defined loop bandwidth, depending on the needs of the application. The PLL has a
post-divider that can be selected between divide-by 2, 3, 4, 5, 6, 7 or 8.
All the output channels can select the divided-down VCO clock from the PLL as the source for the output divider
to set the final output frequency. Some output channels can also independently select the reference input for the
PLL as an alternative source to be bypassed to the corresponding output buffers. The 8-bit output dividers
support a divide range of 1 to 256 (even or odd), output frequencies up to 1 GHz, and output phase
synchronization capability.
All output pairs are ground-referenced CML drivers with programmable swing that can be interfaced to LVDS,
LVPECL or CML receivers with AC coupling. All output pairs can also be independently configured as HCSL
outputs or 2 × 1.8-V LVCMOS outputs. The outputs offer lower power at 1.8 V, higher performance and power
supply noise immunity, and lower EMI compared to voltage-referenced driver designs (such as traditional LVDS
and LVPECL drivers). Two additional 3.3-V LVCMOS outputs can be obtained via the STATUS pins. This is an
optional feature in case of a need for 3.3-V LVCMOS outputs and device status signals are not needed.
The device features self start-up from on-chip programmable EEPROM or pre-defined ROM memory, which
offers multiple custom device modes selectable via pin control eliminating the need for serial programming. The
device registers and on-chip EEPROM settings are fully programmable via the I2C-compatible serial interface.
The device slave address is programmable in EEPROM and LSBs can be set with a 3-state pin.
The device provides two frequency margining options with glitch-free operation to support system design
verification tests (DVT), such as standard compliance and system timing margin testing. Fine frequency
margining (in ppm) can be supported by using a low-cost pullable crystal on the internal crystal oscillator (XO),
and selecting this input as the reference to the PLL synthesizer. The frequency margining range is determined by
the crystal’s trim sensitivity and the on-chip varactor range. XO frequency margining can be controlled through
pin or I2C control for ease-of use and high flexibility. Coarse frequency margining (in %) is available on any
output channel by changing the output divide value via I2C interface, which synchronously stops and restarts the
output clock to prevent a glitch or runt pulse when the divider is changed.
Internal power conditioning provide excellent power supply ripple rejection (PSRR), reducing the cost and
complexity of the power delivery network. The analog and digital core blocks operate from 3.3 V ± 5% supply and
output blocks operate from 1.8 V, 2.5 V, or 3.3 V ± 5% supply.
5 Device Comparison Table
Table 1. LVPECL Output Jitter over Different Integration Bandwidths
OUTPUT FREQUENCY (MHz)
INTEGRATION BANDWIDTH
TYPICAL JITTER (ps, rms)
< 100
12 kHz - 5 MHz
0.15
> 100
1 kHz – 5 MHz
0.1
12 kHz – 20 MHz
6 Revision History
Changes from Original (September 2015) to Revision A
Page
•
Product Preview to Production Data full release ................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK03318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com