Electronic Components Datasheet Search
  English  ▼

X  

LMK03318 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318
Description  Ultra-Low-Noise Jitter Clock Generator Family
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMK03318 Datasheet HTML 17Page - Texas Instruments LMK03318 Datasheet HTML 18Page - Texas Instruments LMK03318 Datasheet HTML 19Page - Texas Instruments LMK03318 Datasheet HTML 20Page - Texas Instruments LMK03318 Datasheet HTML 21Page - Texas Instruments LMK03318 Datasheet HTML 22Page - Texas Instruments LMK03318 Datasheet HTML 23Page - Texas Instruments LMK03318 Datasheet HTML 24Page - Texas Instruments LMK03318 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
AC-LVPECL, AC-LVDS, AC-CML
Phase Noise/
Spectrum
Analyzer
AC-LVPECL, AC-LVDS, AC-CML
Diff-to-SE
Balun/Buffer
LMK03318
LMK03318
HCSL
HCSL
50
50
Oscilloscope
High impedance differential probe
LMK03318
AC-LVPECL,
AC-LVDS,
AC-CML
Oscilloscope
High impedance differential probe
LMK03318
LVCMOS
Phase Noise/
Spectrum
Analyzer
LMK03318
LVCMOS
2 pF
Oscilloscope
High impedance probe
LMK03318
www.ti.com
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
9 Parameter Measurement Information
9.1 Test Configurations
This section describes the characterization test setup of each block in the LMK03318.
Figure 24. LVCMOS Output DC Configuration During Device Test
Figure 25. LVCMOS Output AC Configuration During Device Test
Figure 26. AC-LVPECL, AC-LVDS, AC-CML Output DC Configuration During Device Test
Figure 27. HCSL Output DC Configuration during Device Test
Figure 28. AC-LVPECL, AC-LVDS, AC-CML Output AC Configuration During Device Test
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMK03318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com