Electronic Components Datasheet Search
  English  ▼

X  

LMK03318 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318
Description  Ultra-Low-Noise Jitter Clock Generator Family
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK03318 Datasheet HTML 9Page - Texas Instruments LMK03318 Datasheet HTML 10Page - Texas Instruments LMK03318 Datasheet HTML 11Page - Texas Instruments LMK03318 Datasheet HTML 12Page - Texas Instruments LMK03318 Datasheet HTML 13Page - Texas Instruments LMK03318 Datasheet HTML 14Page - Texas Instruments LMK03318 Datasheet HTML 15Page - Texas Instruments LMK03318 Datasheet HTML 16Page - Texas Instruments LMK03318 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
LMK03318
www.ti.com
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
8.20 2-Level Logic Input Characteristics (HW_SW_CTRL, PDN, GPIO[5:0])
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
1.2
V
VIL
Input low voltage
0.6
V
IIH
Input high current
VIH = VDD_DIG
–40
40
µA
IIL
Input low current
VIL = GND
–40
40
µA
CIN
Input capacitance
2
pF
8.21 3-Level Logic Input Characteristics (REFSEL, GPIO[3:1])
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
1.4
V
VIM
Input mid voltage
0.9
V
VIL
Input low voltage
0.4
V
IIH
Input high current
VIH = VDD_DIG
–40
40
µA
IIL
Input low current
VIL = GND
–40
40
µA
CIN
Input capacitance
2
pF
8.22 Analog Input Characteristics (GPIO[5])
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C, pulldown resistor on GPIO[5] to GND as specified below, HW_SW_CTRL = 0
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCTRL
Control voltage range
0
VDD_DIG
V
VSTEP
Input voltage for XO
50
Ω to GND: Selects on-chip capacitive load set by
50
mV
frequency offset step
R88 and R89
selection on GPIO[5]
2.32 k
Ω to GND: Selects on-chip capacitive load set
200
mV
by R90 and R91
5.62 k
Ω to GND: Selects on-chip capacitive load set
400
mV
by R92 and R93
10.5 k
Ω to GND: Selects on-chip capacitive load set
600
mV
by R94 and R95
18.7 k
Ω to GND: Selects on-chip capacitive load set
800
mV
by R96 and R97
34.8 k
Ω to GND: Selects on-chip capacitive load set
1000
mV
by R98 and R99
84.5 k
Ω to GND: Selects on-chip capacitive load set
1200
mV
by R100 and R101
Left floating: Selects on-chip capacitive load set by
1400
mV
R102 and R103
tDELAY
Delay between voltage
100
ms
changes on GPIO[5] pin
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMK03318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com