Electronic Components Datasheet Search
  English  ▼

X  

LMK03328 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03328
Description  Ultra-Low Jitter Clock Generator
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03328 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK03328 Datasheet HTML 9Page - Texas Instruments LMK03328 Datasheet HTML 10Page - Texas Instruments LMK03328 Datasheet HTML 11Page - Texas Instruments LMK03328 Datasheet HTML 12Page - Texas Instruments LMK03328 Datasheet HTML 13Page - Texas Instruments LMK03328 Datasheet HTML 14Page - Texas Instruments LMK03328 Datasheet HTML 15Page - Texas Instruments LMK03328 Datasheet HTML 16Page - Texas Instruments LMK03328 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
13
LMK03328
www.ti.com
SNAS668A – AUGUST 2015 – REVISED JANUARY 2016
Product Folder Links: LMK03328
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(3)
Ensured by characterization.
8.17 AC-CML Output Characteristics
(1)
VDD_IN / VDD_PLL1 / VDD_PLL2 / VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = -40°C to
85°C, output pair AC-coupled to 100
Ω differential load
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency(2)
1
1000
MHz
VOD
Output Voltage Swing
400
600
1000
mV
VSS
Differential Output Peak-to-
Peak Swing
2 x
|VOD|
V
VOS
Output Common Mode
150
550
mV
tSKEW
(3)
Output-to-output skew
CML-to-CML; same divide value
60
ps
tPROP-DIFF
IN-to-OUT Propagation Delay
PLL Bypass
400
ps
tR/tF
(3)
Output Rise/Fall Time
20% to 80%, < 300 MHz
190
300
ps
±100 mV around center point, > 300 MHz
200
ps
PN-Floor
Output Phase Noise Floor
(fOFFSET > 10 MHz)
156.25 MHz
-160
dBc/Hz
ODC(3)
Output Duty Cycle
45%
55%
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured from -150 mV to +150 mV on the differential waveform (OUT minus nOUT) with the 300 mVpp measurement window
centered on the differential zero crossing.
(3)
Ensured by design.
(4)
Ensured by characterization.
8.18 HCSL Output Characteristics
(1)
VDD_IN / VDD_PLL1 / VDD_PLL2 / VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = -40°C to
85°C, outputs with 50 ohms || 2 pF to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency
1
400
MHz
VOH
Output High Voltage(2)
660
850
mV
VOL
Output Low Voltage(2)
-150
150
mV
VCROSS
Absolute Crossing Voltage(3)
250
550
mV
VCROSS-
DELTA
Variation of VCROSS
(3)
0
140
mV
tSKEW
(4)
Output-to-output skew
same divide value
100
ps
tPROP-DIFF
IN-to-OUT Propagation Delay
PLL Bypass
400
ps
dV/dt(4)
Slew Rate(2)
2.25
5
V/ns
PN-Floor
Output Phase Noise Floor
(fOFFSET > 10 MHz)
100 MHz
-158
dBc/Hz
ODC(4)
Output Duty Cycle
45%
55%
8.19 Power-On/Reset Characteristics
VDD_IN / VDD_PLL1 / VDD_PLL2 / VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = -40°C to
85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTHRESH
Threshold Voltage
2.72
2.95
V
VDROOP
Allowable Voltage Droop
0.1
V
tSTART-XTAL Startup Time with 25 MHz
XTAL
Measured from time of supply reaching 3.135 V to
time of output frequency accurate to ±300 ppm
10
ms
tSTART-CLK
Startup Time with 25 MHz
Clock Input
Measured from time of supply reaching 3.135 V to
time of output frequency accurate to ±300 ppm
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com