Electronic Components Datasheet Search
  English  ▼

X  

ADP5300 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5300
Description  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5300 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5300 Datasheet HTML 12Page - Analog Devices ADP5300 Datasheet HTML 13Page - Analog Devices ADP5300 Datasheet HTML 14Page - Analog Devices ADP5300 Datasheet HTML 15Page - Analog Devices ADP5300 Datasheet HTML 16Page - Analog Devices ADP5300 Datasheet HTML 17Page - Analog Devices ADP5300 Datasheet HTML 18Page - Analog Devices ADP5300 Datasheet HTML 19Page - Analog Devices ADP5300 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADP5300
Data Sheet
Rev. 0 | Page 16 of 21
STOP SWITCHING
The ADP5300 includes a stop input pin (STOP) that can
temporarily stop the regulator switching in hysteresis mode.
When a logic high level is applied to the STOP pin, the buck
regulator is forced to stop switching immediately. When a logic
low level is applied to the STOP pin, the buck regulator resumes
switching. Note that tens of nanoseconds delay time exists from
when the STOP signal goes high to fully stop switching.
In some battery-powered systems, the microcontroller unit
(MCU) can command the regulator to stop switching via the
STOP signal, and the regulator then relies on the output
capacitor to supply the load. In this period, a quiet system
environment can be achieved which benefits the noise sensitive
circuitry, such as data conversion, RF data transmission, and
analog sensing. After the noise sensitive circuitry completes its
task, the MCU can control the regulator and resume switching
regulation mode. If needed, the VOUTOK signal can monitor
the output voltage in the event it dips too low to latch up the
system. Figure 40 shows the STOP switching operation status in
ADP5300.
When the regulator is enabled with EN pin pulled high, the
STOP signal control is valid, and when EN pin is logic low, the
STOP signal is ignored.
DC TO DC OUTPUT
OUTPUT LOAD
DC TO DC SWITCHING
STOP SIGNAL
2µA
2.500V
2.540V
2.175V TO VOUTOK THRESHOLD
VOUTOK FLAG
10ms OF mA
Figure 40. STOP Switching Operation Status
THERMAL SHUTDOWN
If the ADP5300 junction temperature exceeds 142°C, the thermal
shutdown circuit turns off the IC except for the internal linear
regulator. Extreme junction temperatures can be the result of
high current operation, poor circuit board design, or high ambient
temperature. A 15°C hysteresis is included so that the ADP5300
does not return to operation after thermal shutdown until the
junction temperature falls below 127°C. When the device exits
thermal shutdown, a soft start initiates for each enabled channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com