Electronic Components Datasheet Search
  English  ▼

X  

ADP5300 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5300
Description  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5300 Datasheet(HTML) 3 Page - Analog Devices

  ADP5300 Datasheet HTML 1Page - Analog Devices ADP5300 Datasheet HTML 2Page - Analog Devices ADP5300 Datasheet HTML 3Page - Analog Devices ADP5300 Datasheet HTML 4Page - Analog Devices ADP5300 Datasheet HTML 5Page - Analog Devices ADP5300 Datasheet HTML 6Page - Analog Devices ADP5300 Datasheet HTML 7Page - Analog Devices ADP5300 Datasheet HTML 8Page - Analog Devices ADP5300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADP5300
Rev. 0 | Page 3 of 21
DETAILED FUNCTIONAL BLOCK DIAGRAM
VOUTOK
MODE
INTERNAL
FEEDBACK
RESISTOR
DIVIDER
SOFT
START
90%
87%
FB
CONTROL
LOGIC
ILIM_PWM
ILIM_HYS
STANDBY
0.808V
–0.6A (PWM)
0.8V
V TO I
0A (HYS)
0.8V
PWM
DRIVER
PVIN
PVIN
SW
PGND
FB
1.2V
0.4V
SYNC
MODE
1.2V
0.4V
PVIN
UVLO
BAND GAP BIAS
AND
HOUSEKEEPING
KEEP ALIVE BLOCK
2.06V
2.00V
STOP
EN
SYNC/
MODE
DRIVER
PVIN
Σ
VID
AGND
2MHz
OSC
SLOPE
COMPENSATION
0.4V
1.2V
FORCE SLEEP
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com