Electronic Components Datasheet Search
  English  ▼

X  

ADP5300 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5300
Description  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5300 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5300 Datasheet HTML 13Page - Analog Devices ADP5300 Datasheet HTML 14Page - Analog Devices ADP5300 Datasheet HTML 15Page - Analog Devices ADP5300 Datasheet HTML 16Page - Analog Devices ADP5300 Datasheet HTML 17Page - Analog Devices ADP5300 Datasheet HTML 18Page - Analog Devices ADP5300 Datasheet HTML 19Page - Analog Devices ADP5300 Datasheet HTML 20Page - Analog Devices ADP5300 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADP5300
Rev. 0 | Page 21 of 21
OUTLINE DIMENSIONS
2.48
2.38
2.23
0.50
0.40
0.30
10
1
6
5
0.30
0.25
0.20
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.74
1.64
1.49
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
TOP VIEW
BOTTOM VIEW
0.20 MIN
Figure 45. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
ADP5300ACPZ-1-R7
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD] with Output Discharge
CP-10-9
ADP5300ACPZ-2-R7
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD] Without Output Discharge
CP-10-9
ADP5300-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13366-0-9/15(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com