Electronic Components Datasheet Search
  English  ▼

X  

FDC2114 Datasheet(PDF) 28 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # FDC2114
Description  FDC2114 and FDC2214 EVM User?셲 Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

FDC2114 Datasheet(HTML) 28 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button FDC2114 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
GUI Operation
www.ti.com
3.5.2
Selecting the Clocking Source
While the device contains an internal oscillator which requires fewer components in a system, it is
recommended to use an external oscillator for precision applications. The EVM includes a 40MHz
oscillator on-board, but an external off board signal can be used.
To choose the oscillator source select one of the options in the “Reference Clock Source” section of the
“Measurement Settings”. If using an external oscillator, enter the oscillation frequency so that the GUI
correctly displays data measurements of frequency and capacitance.
Figure 34. Selecting the External Oscillator and Entering its Frequency
3.5.3
Setting the Measurement Timings
Determining the best timing settings for the device is largely dependent on the application and sensor
design, but in general the following items should be considered
•
Each channel should have the maximum reference frequency possible. Most applications should have
the channel Fref dividers set to one.
•
Settle count needs to be long enough, but increasing it arbitrary holds no value and only decreases the
sampling rate. Reference the datasheet for calculating the optimal settle count.
•
Reference count has the largest effect on the accuracy of a measurement. Increasing the reference
count leads to a more accurate measurement, but at the cost of decreased sampling rate. The
effective number of bits for each channel is calculated in the table for each channel based on the
reference count.
3.5.4
Using a Different Sensor
When using a different sensor, several parameters could be changed. The sensor’s resonant frequency
could be vastly different or a different sensor inductor could be used. If the resonant frequency of the
sensor is less than 8.75MHz the F
in select should be set to one. If the sensor frequency is greater than
8.75 MHz, F
in select should be two. The sensor filter inductor for each channel should be updated to
reflect to actual component value on the sensor.
28
FDC2114 and FDC2214 EVM User’s Guide
SNOU138 – June 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com