Electronic Components Datasheet Search
  English  ▼

X  

FDC2114 Datasheet(PDF) 55 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # FDC2114
Description  FDC2114 and FDC2214 EVM User?셲 Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

FDC2114 Datasheet(HTML) 55 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button FDC2114 Datasheet HTML 51Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 52Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 53Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 54Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 55Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 56Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 57Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 58Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 59Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
www.ti.com
Bill of Materials
Table 2. BOM for FDC2214 EVM
DESIG-
QTY.
VALUE
DESCRIPTION
PART NUMBER
MANUFACTURER
NATOR
!PCB1
1
Printed Circuit Board
SV601187
Any
C1, C31
2
10uF
CAP, CERM, 10uF, 10V, +/-20%, X5R, 0603
C1608X5R1A106M
TDK
C2, C9,
6
0.1uF
CAP CER 0.1UF 16V 5% X7R 0402
GRM155R71C104JA
Murata Electronics
C30,
88D
North America
C32,
C33,
C34
C3
1
2.2uF
CAP, CERM, 2.2uF, 10V, +/-10%, X5R, 0603
C0603C225K8PACT
Kemet
U
C4, C5
2
0.01uF
CAP, CERM, 0.01uF, 25V, +/-5%, C0G/NP0, 0603
C1608C0G1E103J
TDK
C6
1
0.01uF
CAP, CERM, 0.01 µF, 16 V, +/- 10%, X7R, 0402
C1005X7R1C103K
TDK
C7, C10,
4
33pF
CAP, CERM, 33 pF, 50 V, +/- 1%, C0G/NP0, 0603_950
CL10C330FB8NNNC
Samsung
C15,
C17
C8
1
22uF
CAP, CERM, 22uF, 16V, +/-10%, X5R, 0805
C2012X5R1C226K12
TDK
5AC
C13,
2
18pF
CAP, CERM, 18pF, 100V, +/-5%, C0G/NP0, 0603
GRM1885C2A180JA
MuRata
C14
01D
C25
1
1uF
CAP, CERM, 1uF, 10V, +/-10%, X5R, 0402
GRM155R61A105KE
MuRata
15D
C26,
2
0.22uF
CAP, CERM, 0.22 µF, 25 V, +/- 5%, X7R, 0805
08053C224JAT2A
AVX
C28
C27
1
2200pF
CAP, CERM, 2200pF, 50V, +/-10%, X7R, 0603
C0603X222K5RACT
Kemet
U
C29
1
220PF
CAP CER 220PF 50V 1% NP0 0402
C1005C0G1H221F05
TDK Corporation
0BA
D1
1
5.6V
Diode, Zener, 5.6V, 500mW, SOD-123
MMSZ5232B-7-F
Diodes Inc.
D2
1
Green
LED, Green, SMD
LG L29K-G2J1-24-Z
OSRAM
D3
1
Red
LED, Super Red, SMD
SML-LX0603SRW-TR Lumex
GND1,
3
SMT
Test Point, Miniature, SMT
5015
Keystone
GND2,
GND3
J1
1
Connector, Receptacle, Micro-USB Type B, SMT
ZX62R-B-5P
Hirose Electric Co.
Ltd.
L1, L2,
4
18uH
Inductor, Shielded, Ferrite, 18 µH, 0.12 A, 3.3 ohm, SMD CMH322522-180KL
Bourns
L3, L4
L10
1
10uH
Inductor, Shielded, Ferrite, 10 µH, 0.4 A, 1.38 ohm, SMD VLS201610ET-100M
TDK
LBL1
1
Thermal Transfer Printable Labels, 0.650" W x 0.200" H
THT-14-423-10
Brady
- 10,000 per roll
R1, R2,
6
0
RES, 0 ohm, 5%, 0.1W, 0603
CRCW06030000Z0E
Vishay-Dale
R5, R10,
A
R18,
R22
R6
1
1.5K
RES 1.5K OHM 1/16W 5% 0402 SMD
CRCW04021K50JNE
Vishay Dale
D
R7, R17
2
33
RES, 33 ohm, 5%, 0.1W, 0603
CRCW060333R0JNE
Vishay-Dale
A
R8, R9
2
10.0
RES, 10.0, 1%, 0.063 W, 0402
CRCW040210R0FKE
Vishay-Dale
D
R12,
2
4.70k
RES, 4.70k ohm, 1%, 0.1W, 0603
RC0603FR-074K7L
Yageo America
R13
R15
1
1M
RES,1M ohm, 5%, 0.063W, 0402
RC0402JR-071ML
Yageo
55
SNOU138 – June 2015
FDC2114 and FDC2214 EVM User’s Guide
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com