Electronic Components Datasheet Search
  English  ▼

X  

FDC2114 Datasheet(PDF) 56 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # FDC2114
Description  FDC2114 and FDC2214 EVM User?셲 Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

FDC2114 Datasheet(HTML) 56 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button FDC2114 Datasheet HTML 52Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 53Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 54Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 55Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 56Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 57Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 58Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 59Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS FDC2114 Datasheet HTML 60Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Bill of Materials
www.ti.com
Table 2. BOM for FDC2214 EVM (continued)
DESIG-
QTY.
VALUE
DESCRIPTION
PART NUMBER
MANUFACTURER
NATOR
R19,
8
0
RES, 0 ohm, 5%, 0.125W, 0805
CRCW08050000Z0E
Vishay-Dale
R20,
A
R23,
R24,
R26,
R27,
R28,
R33
R21,
2
1.0k
RES, 1.0k ohm, 5%, 0.063W, 0402
CRCW04021K00JNE
Vishay-Dale
R25
D
R29
1
33k
RES, 33k ohm, 5%, 0.063W, 0402
CRCW040233K0JNE
Vishay-Dale
D
U1
1
Multi-Channel 12/28-Bit Capacitance to Digital Converter
FDC2214RGHR
Texas Instruments
(FDC) for Capacitive Sensing, RGH0016A
U2
1
Micropower 150 mA Low-Noise Ultra Low-Dropout
LP2985AIM5-
Texas Instruments
Regulator, 5-pin SOT-23, Pb-Free
3.3/NOPB
U3
1
Low-Capacitance + / - 15 kV ESD-Protection Array for
TPD2E001DRLR
Texas Instruments
High-Speed Data Interfaces, 2 Channels, -40 to +85
degC, 5-pin SOT (DRL), Green (RoHS & no Sb/Br)
U5
1
Mixed Signal MicroController, RGC0064B
MSP430F5528IRGC
Texas Instruments
Y1
1
Crystal, 24.000MHz, 18pF, SMD
ABM8-24.000MHZ-
Abracon Corportation
B2-T
Y2
1
OSC, 40 MHz, 3.3 V, SMD
625L3C040M00000
CTS
Electrocomponents
C11,
0
18pF
CAP, CERM, 18pF, 100V, +/-5%, C0G/NP0, 0603
GRM1885C2A180JA
MuRata
C12,
01D
C16,
C18,
C19,
C20,
C21,
C23,
C35,
C36,
C37,
C38,
C39,
C41,
C42,
C44
FID1,
0
Fiducial mark. There is nothing to buy or mount.
N/A
N/A
FID2,
FID3
J2
0
SMA Straight Jack, Gold, 50 Ohm, TH
901-144-8RFX
Amphenol RF
J3
0
Header, 100mil, 7x2, Gold, TH
TSW-107-07-G-D
Samtec
J4, J5,
0
2x1
Conn Term Block, 2POS, 3.81mm, TH
1727010
Phoenix Contact
J6, J7
J8, J9
0
Header, TH, 100mil, 2x1, Gold plated, 230 mil above
TSW-102-07-G-S
Samtec, Inc.
insulator
R3, R4,
0
0
RES, 0 ohm, 5%, 0.1W, 0603
CRCW06030000Z0E
Vishay-Dale
R14,
A
R16
R11
0
49.9
RES, 49.9, 1%, 0.1 W, 0603
CRCW060349R9FKE
Vishay-Dale
A
56
FDC2114 and FDC2214 EVM User’s Guide
SNOU138 – June 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com