Electronic Components Datasheet Search
  English  ▼

X  

CDCE913 Datasheet(PDF) 17 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE913_15 Datasheet HTML 13Page - Texas Instruments CDCE913_15 Datasheet HTML 14Page - Texas Instruments CDCE913_15 Datasheet HTML 15Page - Texas Instruments CDCE913_15 Datasheet HTML 16Page - Texas Instruments CDCE913_15 Datasheet HTML 17Page - Texas Instruments CDCE913_15 Datasheet HTML 18Page - Texas Instruments CDCE913_15 Datasheet HTML 19Page - Texas Instruments CDCE913_15 Datasheet HTML 20Page - Texas Instruments CDCE913_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
CDCE913, CDCEL913
www.ti.com
SCAS849F – JUNE 2007 – REVISED APRIL 2015
Table 11. Generic Configuration Register
OFFSET
(1)
BIT
(2)
ACRONYM
DEFAULT
(3)
DESCRIPTION
7
E_EL
Xb
Device identification (read-only): 1 is CDCE913 (3.3 V out), 0 is CDCEL913 (1.8 V out)
00h
6:4
RID
Xb
Revision identification number (read-only)
3:0
VID
1h
Vendor identification number (read-only)
7
–
0b
Reserved – always write 0
0 – EEPROM programming is completed.
6
EEPIP
0b
EEPROM programming Status4:
(4) (read-only)
1 – EEPROM is in programming mode.
0 – EEPROM is not locked.
5
EELOCK
0b
Permanently lock EEPROM data
(5)
1 – EEPROM is permanently locked.
Device power down (overwrites S0/S1/S2 setting; configuration register settings are unchanged)
01h
Note: PWDN cannot be set to 1 in the EEPROM.
4
PWDN
0b
0 – Device active (PLL1 and all outputs are enabled)
1 – Device power down (PLL1 in power down and all outputs in 3-state)
00 – Xtal
10 – LVCMOS
3:2
INCLK
00b
Input clock selection:
01 – VCXO
11 – Reserved
1:0
SLAVE_ADR
01b
Address bits A0 and A1 of the slave receiver address
7
M1
1b
Clock source selection for output Y1:
0 – Input clock
1 – PLL1 clock
Operation mode selection for pin 12/13
(6)
6
SPICON
0b
0 – Serial programming interface SDA (pin 13) and SCL (pin 12)
1 – Control pins S1 (pin 13) and S2 (pin 12)
02h
5:4
Y1_ST1
11b
Y1-State0/1 definition
00 – Device power down (all PLLs in power down and all
10 – Y1 disabled to low
3:2
Y1_ST0
01b
outputs in 3-State)
11 – Y1 enabled
01 – Y1 disabled to 3-state
1:0
Pdiv1 [9:8]
0 – Divider reset and stand-by
001h
10-bit Y1-output-divider Pdiv1:
1 to 1023 – Divider value
03h
7:0
Pdiv1 [7:0]
7
Y1_7
0b
6
Y1_6
0b
5
Y1_5
0b
4
Y1_4
0b
0 – State0 (predefined by Y1_ST0)
04h
Y1_x State Selection
(7)
1 – State1 (predefined by Y1_ST1)
3
Y1_3
0b
2
Y1_2
0b
1
Y1_1
1b
0
Y1_0
0b
Crystal load capacitor selection
(8)
00h – 0 pF
01h – 1 pF
7:3
XCSEL
0Ah
02h – 2 pF
05h
:14h to 1Fh – 20 pF
2:0
0b
Reserved – do not write other than 0
7-bit byte count (defines the number of bytes which will be sent from this device at the next Block Read transfer); all bytes
7:1
BCOUNT
20h
must be read out to finish the read cycle correctly.
06h
0– No EEPROM write cycle
0
EEWRITE
0b
Initiate EEPROM write cycle
(4) (9)
1 – Start EEPROM write cycle (internal registers are saved to the EEPROM)
07h-0Fh
—
0h
Unused address range
(1)
Writing data beyond ‘20h may affect device function.
(2)
All data transferred with the MSB first
(3)
Unless customer-specific setting
(4)
During EEPROM programming, no data is allowed to be sent to the device through the SDA/SCL bus until the programming sequence is
completed. Data, however, can be read out during the programming sequence (Byte Read or Block Read).
(5)
If this bit is set to high in the EEPROM, the actual data in the EEPROM is permanently locked. No further programming is possible.
Data, however can still be written through the SDA/SCL bus to the internal register to change device function on the fly, but new data
can no longer be saved to the EEPROM. EELOCK is effective only if written into the EEPROM.
(6)
Selection of control pins is effective only if written into the EEPROM. Once written into the EEPROM, the serial programming pins are no
longer available. However, if VDDOUT is forced to GND, the two control pins, S1 and S2, temporarily act as serial programming pins
(SDA/SCL), and the two slave receiver address bits are reset to A0 = 0 and A1 = 0.
(7)
These are the bits of the control terminal register (see Table 10 ). The user can predefine up to eight different control settings. These
settings then can be selected by the external control pins, S0, S1, and S2.
(8)
The internal load capacitor (C1, C2) must be used to achieve the best clock performance. External capacitors should be used only to
finely adjust CL by a few picofarads. The value of CL can be programmed with a resolution of 1 pF for a crystal load range of 0 pF to 20
pF. For CL > 20 pF, use additional external capacitors. The device input capacitance value must be considered, which always adds 1.5
pF (6 pF//2 pF) to the selected CL. For more about VCXO config. and crystal recommendation, see application report SCAA085.
(9)
The EEPROM WRITE bit must be sent last. This ensures that the content of all internal registers are stored in the EEPROM. The
EEWRITE cycle is initiated with the rising edge of the EEWRITE bit. A static level-high does not trigger an EEPROM WRITE cycle. The
EEWRITE bit must be reset to low after the programming is completed. The programming status can be monitored by reading out
EEPIP. If EELOCK is set to high, no EEPROM programming is possible.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com