Electronic Components Datasheet Search
  English  ▼

X  

CDCE913 Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE913_15 Datasheet HTML 11Page - Texas Instruments CDCE913_15 Datasheet HTML 12Page - Texas Instruments CDCE913_15 Datasheet HTML 13Page - Texas Instruments CDCE913_15 Datasheet HTML 14Page - Texas Instruments CDCE913_15 Datasheet HTML 15Page - Texas Instruments CDCE913_15 Datasheet HTML 16Page - Texas Instruments CDCE913_15 Datasheet HTML 17Page - Texas Instruments CDCE913_15 Datasheet HTML 18Page - Texas Instruments CDCE913_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
P
S
P
SCL
SDA
VIH
VIL
VIH
VIL
A
Bit7(MSB)
Bit6
Bit0(LSB)
tw(SCLL)
tw(SCLH)
tr
tf
tsu(START)
th(START)
tsu(SDA)
th(SDA)
t(BUS)
tr
tf
tsu(STOP)
CDCE913, CDCEL913
www.ti.com
SCAS849F – JUNE 2007 – REVISED APRIL 2015
Figure 13. Timing Diagram for SDA/SCL Serial Control Interface
8.6 Register Maps
8.6.1 SDA/SCL Configuration Registers
The clock input, control pins, PLLs, and output stages are user configurable. The following tables and
explanations describe the programmable functions of the CDCE913/CDCEL913. All settings can be manually
written into the device through the SDA/SCL bus or easily programmed by using the TI Pro-Clock™ software. TI
Pro-Clock™ software allows the user to quickly make all settings and automatically calculates the values for
optimized performance at lowest jitter.
Table 9. SDA/SCL Registers
ADDRESS OFFSET
REGISTER DESCRIPTION
TABLE
00h
Generic configuration register
Table 11
10h
PLL1 configuration register
Table 12
The grey-highlighted bits, described in the configuration register tables in the following pages, belong to the
control terminal register. The user can predefine up to eight different control settings. These settings then can be
selected by the external control pins, S0, S1, and S2. See Control Terminal Configuration.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com