Electronic Components Datasheet Search
  English  ▼

X  

CDCE913 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE913_15 Datasheet HTML 1Page - Texas Instruments CDCE913_15 Datasheet HTML 2Page - Texas Instruments CDCE913_15 Datasheet HTML 3Page - Texas Instruments CDCE913_15 Datasheet HTML 4Page - Texas Instruments CDCE913_15 Datasheet HTML 5Page - Texas Instruments CDCE913_15 Datasheet HTML 6Page - Texas Instruments CDCE913_15 Datasheet HTML 7Page - Texas Instruments CDCE913_15 Datasheet HTML 8Page - Texas Instruments CDCE913_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
CDCE913, CDCEL913
SCAS849F – JUNE 2007 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 11
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
8.5
Programming........................................................... 14
3
Description ............................................................. 1
8.6
Register Maps ......................................................... 15
4
Revision History..................................................... 2
9
Application and Implementation ........................ 20
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 20
6
Specifications......................................................... 3
9.2
Typical Application ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 3
10
Power Supply Recommendations ..................... 26
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 26
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 26
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 27
6.5
Electrical Characteristics .......................................... 5
12
Device and Documentation Support ................. 28
6.6
EEPROM Specification ............................................. 6
12.1
Documentation Support ........................................ 28
6.7
Timing Requirements: CLK_IN ................................ 7
12.2
Related Links ........................................................ 28
6.8
Timing Requirements: SDA/SCL .............................. 7
12.3
Trademarks ........................................................... 28
6.9
Typical Characteristics .............................................. 8
12.4
Electrostatic Discharge Caution ............................ 28
7
Parameter Measurement Information .................. 9
12.5
Glossary ................................................................ 28
8
Detailed Description ............................................ 10
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 10
Information ........................................................... 28
8.2
Functional Block Diagram ....................................... 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2010) to Revision F
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Added in Figure 9, second S to Sr ....................................................................................................................................... 14
•
Changed 100 MHz < ƒVCO > 200 MHz; TO 80 MHz ≤ ƒVCO ≤ 230 MHz; and changed 0 ≤ p ≤ 7 TO 0 ≤ p ≤ 4 ................... 23
•
Changed under Example, fifth row, N", 2 places TO N' ....................................................................................................... 23
Changes from Revision D (October 2009) to Revision E
Page
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<4096 foot to PLL1 Configure Register Table ......................... 19
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511 to PLL Multiplier/Divider Definition Section...................................... 22
Changes from Revision C (August 2007) to Revision D
Page
•
Deleted sentence - A different default setting can be programmed upon customer request. Contact Texas
Instruments sales or marketing representative for more information. .................................................................................. 12
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com