Electronic Components Datasheet Search
  English  ▼

X  

SL23EP09 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL23EP09
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09 Datasheet(HTML) 1 Page - Silicon Laboratories

  SL23EP09 Datasheet HTML 1Page - Silicon Laboratories SL23EP09 Datasheet HTML 2Page - Silicon Laboratories SL23EP09 Datasheet HTML 3Page - Silicon Laboratories SL23EP09 Datasheet HTML 4Page - Silicon Laboratories SL23EP09 Datasheet HTML 5Page - Silicon Laboratories SL23EP09 Datasheet HTML 6Page - Silicon Laboratories SL23EP09 Datasheet HTML 7Page - Silicon Laboratories SL23EP09 Datasheet HTML 8Page - Silicon Laboratories SL23EP09 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev 2.0, May 12, 2008
Page 1 of 14
2400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL23EP09
Key Features
• 10 to 220 MHz operating frequency range
• Low output clock skew: 45ps-typ
• Low output clock jitter:
 50 ps-typ cycle-to-cycle jitter
 20 ps-typ period jitter
• Low part-to-part output skew: 90 ps-typ
• Wide 2.5 V to 3.3 V power supply range
• Low power dissipation:
 26 mA-max at 66 MHz and VDD=3.3 V
 24 mA-max at 66 MHz and VDD=2.5V
• One input drives 9 outputs organized as 4+4+1
• Select mode to bypass PLL or tri-state outputs
• SpreadThru™ PLL that allows use of SSCG
• Standard and High-Drive options
• Available in 16-pin SOIC and TSSOP packages
• Available in Commercial and Industrial grades
Applications
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switchers and Servers
• Digital Embeded Systems
Description
The SL23EP09 is a low skew, low jitter and low power Zero
Delay Buffer (ZDB) designed to produce up to nine (9) clock
outputs from one (1) reference input clock, for high speed
clock distribution applications.
The product has an on-chip PLL which locks to the input
clock at CLKIN and receives its feedback internally from the
CLKOUT pin.
The SL23EP09 has two (2) clock driver banks each with four
(4) clock outputs. These outputs are controlled by two (2)
select input pins S1 and S2. When only four (4) outputs are
needed, four (4) bank-B output clock buffers can be tri-stated
to reduce power dissipation and jitter. The select inputs can
also be used to tri-state both banks A and B or drive them
directly from the input bypassing the PLL and making the
product behave like a Non-Zero Delay Buffer (NZDB).
The high-drive version operates up to 220MHz and 200MHz
at 3.3V and 2.5V power supplies respectively.
Benefits
• Up to nine (9) distribution of input clock
• Standard and High-Dirive levels to control impedance
level, frequency range and EMI
• Low power dissipation, jitter and skew
• Low cost
Block Diagram
Low Power and
Low Jitter
PLL
MUX
Input Selection
Decoding Logic
VDD
GND
2
2
S2
S1
CLKIN
CLKOUT
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer (ZDB)


Similar Part No. - SL23EP09

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
Low Jitter and Skew DC to 220MHz Clock Buffer
logo
Silicon Laboratories
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSC-1H SILABS-SL23EP09NZSC-1H Datasheet
174Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSC-1HT SILABS-SL23EP09NZSC-1HT Datasheet
174Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Similar Description - SL23EP09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com