Electronic Components Datasheet Search
  English  ▼

X  

SL23EP09 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL23EP09
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09 Datasheet(HTML) 4 Page - Silicon Laboratories

  SL23EP09 Datasheet HTML 1Page - Silicon Laboratories SL23EP09 Datasheet HTML 2Page - Silicon Laboratories SL23EP09 Datasheet HTML 3Page - Silicon Laboratories SL23EP09 Datasheet HTML 4Page - Silicon Laboratories SL23EP09 Datasheet HTML 5Page - Silicon Laboratories SL23EP09 Datasheet HTML 6Page - Silicon Laboratories SL23EP09 Datasheet HTML 7Page - Silicon Laboratories SL23EP09 Datasheet HTML 8Page - Silicon Laboratories SL23EP09 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev 2.0, May 12, 2008
Page 4 of 14
SL23EP09
S2
S1
Clock A1-A4
Clock B1-4
CLKOUT
Output Source
PLL Status
0
0
Tri-state
Tri-state
Driven
PLL
On
0
1
Driven
Tri-state
Driven
PLL
On
1
0
Driven
Driven
Driven
Reference
Off
1
1
Driven
Driven
Driven
PLL
On
Table 2. Select Input Decoding
0
5
10
15
20
25
30
-30
-25
-20
-5
-10
-15
1500
1000
500
-500
-1500
-1000
0
Output Load Difference: FBK Load – CLKA or CLKB Load (pF)
Figure 1. CLKIN Input to CLK A and B Delay
(In terms of load difference between CLKOUT and CLK A and B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com