Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI4713
Description  Si47XX PROGRAMMING GUIDE
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 9Page - Silicon Laboratories SI4713 Datasheet HTML 10Page - Silicon Laboratories SI4713 Datasheet HTML 11Page - Silicon Laboratories SI4713 Datasheet HTML 12Page - Silicon Laboratories SI4713 Datasheet HTML 13Page - Silicon Laboratories SI4713 Datasheet HTML 14Page - Silicon Laboratories SI4713 Datasheet HTML 15Page - Silicon Laboratories SI4713 Datasheet HTML 16Page - Silicon Laboratories SI4713 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 302 page
background image
AN332
Rev. 1.0
13
Response (to FUNC = 2, TX)
Response (to FUNC = 15, Query Library ID)
1
4
XOSCEN
Crystal Oscillator Enable.
0 = Use external RCLK (crystal oscillator disabled).
1 = Use crystal oscillator (RCLK and GPO3/DCLK with external 32.768 kHz crys-
tal and OPMODE=01010000).
See Si47xx Data Sheet Application Schematic for external BOM details.
1
3:0
FUNC[3:0]
Function.
0–1, 3–14 = Reserved.
2 = Transmit.
15 = Query Library ID.
2
7:0
OPMODE[7:0]
Application Setting
01010000 = Analog audio inputs (LIN/RIN)
00001111 = Digital audio inputs (DIN/DFS/DCLK)
Bit
D7D6D5
D4
D3
D2
D1
D0
STATUS
CTS
ERR
X
X
X
RDSINT
ASQINT
STCINT
Bit
D7
D6
D5D4D3
D2
D1
D0
STATUS
CTS
ERR
X
X
X
RDSINT
ASQINT
STCINT
RESP1
PN[7:0]
RESP2
FWMAJOR[7:0]
RESP3
FWMINOR[7:0]
RESP4
RESERVED[7:0]
RESP5
RESERVED[7:0]
RESP6
CHIPREV[7:0]
RESP7
LIBRARYID[7:0]
RESP
Bit
Name
Function
1
7:0
PN[7:0]
Final 2 digits of part number.
2
7:0
FWMAJOR[7:0]
Firmware Major Revision.
3
7:0
FWMINOR[7:0]
Firmware Minor Revision.
4
7:0
RESERVED[7:0]
Reserved, various values.
5
7:0
RESERVED[7:0]
Reserved, various values.
6
7:0
CHIPREV[7:0]
Chip Revision.
7
7:0
LIBRARYID[7:0]
Library Revision.
ARG
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com