Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI4713
Description  Si47XX PROGRAMMING GUIDE
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 35Page - Silicon Laboratories SI4713 Datasheet HTML 36Page - Silicon Laboratories SI4713 Datasheet HTML 37Page - Silicon Laboratories SI4713 Datasheet HTML 38Page - Silicon Laboratories SI4713 Datasheet HTML 39Page - Silicon Laboratories SI4713 Datasheet HTML 40Page - Silicon Laboratories SI4713 Datasheet HTML 41Page - Silicon Laboratories SI4713 Datasheet HTML 42Page - Silicon Laboratories SI4713 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 302 page
background image
AN332
Rev. 1.0
39
Property 0x2105. TX_LINE_INPUT_MUTE
Selectively mutes the left and right audio inputs. The CTS bit (and optional interrupt) is set when it is safe to send
the next command. This property may only be set or read when in powerup mode.
Available in: All
Default: 0x0000
Property 0x2106. TX_PREEMPHASIS
Sets the transmit pre-emphasis to 50 µs, 75 µs or off. The CTS bit (and optional interrupt) is set when it is safe to
send the next command. This property may only be set or read when in powerup mode. The default is 75 µs.
Available in: All
Default: 0x0000
Bit
D15
D14
D13
D12
D11
D10
D9
D8D7D6
D5
D4D3D2
D1
D0
Name
0
0
0
0
0
0
00000
000
LIMUTE RIMUTE
Bit
Name
Function
15:2
Reserved
Always write to 0.
1LIMUTE
Mutes L Line Input.
0 = No mute (default)
1=Mute
0RIMUTE
Mutes R Line Input.
0 = No mute (default)
1=Mute
Bit
D15
D14
D13
D12
D11
D10
D9D8
D7D6D5D4
D3
D2D1D0
Name
0
0000
000
0000
00
FMPE[1:0]
Bit
Name
Function
15:2
Reserved
Always write to 0.
1:0
FMPE[1:0]
FM Pre-Emphasis.
00 = 75 µs. Used in USA (default)
01 = 50 µs. Used in Europe, Australia, Japan
10 = Disabled
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com