Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI4713
Description  Si47XX PROGRAMMING GUIDE
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 17Page - Silicon Laboratories SI4713 Datasheet HTML 18Page - Silicon Laboratories SI4713 Datasheet HTML 19Page - Silicon Laboratories SI4713 Datasheet HTML 20Page - Silicon Laboratories SI4713 Datasheet HTML 21Page - Silicon Laboratories SI4713 Datasheet HTML 22Page - Silicon Laboratories SI4713 Datasheet HTML 23Page - Silicon Laboratories SI4713 Datasheet HTML 24Page - Silicon Laboratories SI4713 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 302 page
background image
AN332
Rev. 1.0
21
Command 0x32. TX
_TUNE_MEASURE
Enters receive mode (disables transmitter output power) and measures the received noise level (RNL) in units of
dBµV on the selected frequency. The command sets the tuning frequency between 76 and 108 MHz in 10 kHz
units and steps of 50 kHz. For example 76.05 MHz = 7605 is valid because it follows the 50 kHz step requirement
but 76.01 MHz = 7601 is not valid. The command also sets the antenna tuning capacitance. A value of 0 indicates
autotuning, and a value of 1–191 indicates a manual override. The CTS bit (and optional interrupt) is set when it is
safe to send the next command. The ERR bit (and optional interrupt) is set if an invalid argument is sent. Note that
only a single interrupt occurs if both the CTS and ERR bits are set. The optional STC interrupt is set when the
command completes. The STCINT bit is set only after the GET_INT_STATUS command is called. This command
may only be sent when in powerup mode. The command clears the STC bit if it is already set. See Figure 28, “CTS
and STC Timing Model,” on page 226 and Table 45, “Command Timing Parameters for the FM Transmitter,” on
page 227.
Available in: Si4712/13/20/21
Command arguments: Four
Response bytes: None
Command
Response
Bit
D7
D6D5D4D3D2
D1D0
CMD
0
0
1
100
10
ARG1
0
0
0
000
00
ARG2
FREQH[7:0]
ARG3
FREQL[7:0]
ARG4
ANTCAP[7:0]
ARG
Bit
Name
Function
1
7:0
Reserved
Always write to 0.
27:0
FREQH[7:0]
Tune Frequency High Byte.
This byte in combination with FREQL selects the tune frequency in units of
10 kHz. In FM mode the valid range is from 7600 to 10800 (76–108 MHz).
The frequency must be a multiple of 50 kHz.
37:0
FREQL[7:0]
Tune Frequency Low Byte.
This byte in combination with FREQH selects the tune frequency in units of
10 kHz. In FM mode the valid range is from 7600 to 10800 (76–108 MHz).
The frequency must be a multiple of 50 kHz.
4
7:0
ANTCAP[7:0]
Antenna Tuning Capacitor.
This selects the value of the antenna tuning capacitor manually, or auto-
matic if set to zero. The valid range is 0–191.
Bit
D7D6D5
D4
D3
D2
D1
D0
STATUS
CTS
ERR
X
X
X
RDSINT
ASQINT
STCINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com