Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # SI4713
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 25Page - Silicon Laboratories SI4713 Datasheet HTML 26Page - Silicon Laboratories SI4713 Datasheet HTML 27Page - Silicon Laboratories SI4713 Datasheet HTML 28Page - Silicon Laboratories SI4713 Datasheet HTML 29Page - Silicon Laboratories SI4713 Datasheet HTML 30Page - Silicon Laboratories SI4713 Datasheet HTML 31Page - Silicon Laboratories SI4713 Datasheet HTML 32Page - Silicon Laboratories SI4713 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
AN383
Rev. 0.8
29
Figure 16. Rectangular Loop (Wire) Antenna—Orthogonal View
5.1.2.3. Design Guidelines
Route the antenna as shown in Figure 16.

A > 5 mm

B + C + D + E > 13 cm

C > 3 cm
Maximize antenna length (B+C+D+E >13 cm) to provide sufficient radiating power for transmit and maximize
incident voltage for receive.
Keep the antenna as far from the ground plane and shield as possible (A > 5 mm), and make the enclosure
from non-conductive material (plastic), to minimize parasitic capacitance and maximize radiation for transmit or
maximize incident voltage for receive.
Antenna inductance for an ideal loop antenna is given by Lant = n²µ0r[ln(8r/b)].
r: loop radius (m)
n: number of turns
µ0: permeability (4 x 10–7 N/A2)
b: wire radius (m)
Number of turns greater than one usually results in a high inductance loop with which the varactor cannot resonate.
It is acceptable to place two loops in a parallel structure to reduce the effective inductance.
For a loop with a small radius used in cellular handset or mp3 applications, the loop antenna equation can be
approximately applied to a rectangular loop of the same circumference.
Use an ideal vertical loop (wire) antenna as a reference point to measure the performance of the loop antenna.
Antenna performance will degrade in a practical application where the loop antenna is bent parallel to the GND
plane.
Radius (cm)
Turns
Total Length (cm)
Lant (nH)
21
12.6
111.5
31
18.8
182.6
41
25.1
257.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com