Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # SI4713
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 40Page - Silicon Laboratories SI4713 Datasheet HTML 41Page - Silicon Laboratories SI4713 Datasheet HTML 42Page - Silicon Laboratories SI4713 Datasheet HTML 43Page - Silicon Laboratories SI4713 Datasheet HTML 44Page - Silicon Laboratories SI4713 Datasheet HTML 45Page - Silicon Laboratories SI4713 Datasheet HTML 46Page - Silicon Laboratories SI4713 Datasheet HTML 47Page - Silicon Laboratories SI4713 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
AN383
44
Rev. 0.8
9.3. Air Loop Antenna Bill of Materials
9.4. Air Loop Antenna Layout
Place the chip and the transformer as close as possible to the air loop antenna feedline. This will minimize the
trace going to the air loop antenna which in turn will minimize parasitic capacitance and the possibility of noise
coupling.
When an air loop antenna with a transformer is used with the Si473x, minimize inductive coupling by making sure
that the transformer is placed away from all sources of interference. Keep the transformer away from signals on the
PCB and away from even the I/O signals of the Si473x. Do not route any signals under or near the transformer.
Use a shielded transformer if possible.
9.5. Air Loop Antenna Design Checklist
Select
a shielded transformer or a torroidal shape transformer to prevent noise pickup from interfering sources
Select
a high-Q transformer with coupling coefficient as close to 1 as possible
Use
multiple strands Litz wire for the transformer winding
Place
the transformer away from any sources of interference and even away from the I/O signals of the Si473x.
Please make sure that the AM antenna is as far away as possible from circuits that switch at a rate which falls in
the AM band (520–1720 kHz).
Route
traces from the transformer to the AMI input via the ac coupling cap C1 such that the capacitance from
the traces and the pads is minimized.
Select
ESD diode D1 with minimum capacitance.
Table 20. Air Loop Antenna Bill of Materials
Designator
Description
Note
LOOP_ANTENNA
Air loop antenna
T1
Transformer, 1:6 turns ratio
C1
AC coupling capacitor, 0.47 µF, 10%, Z5U/X7R
D1
ESD diode, IC, SM, SOT23-3,
California Micro Devices, CM1213-01ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com