Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI4713
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 28Page - Silicon Laboratories SI4713 Datasheet HTML 29Page - Silicon Laboratories SI4713 Datasheet HTML 30Page - Silicon Laboratories SI4713 Datasheet HTML 31Page - Silicon Laboratories SI4713 Datasheet HTML 32Page - Silicon Laboratories SI4713 Datasheet HTML 33Page - Silicon Laboratories SI4713 Datasheet HTML 34Page - Silicon Laboratories SI4713 Datasheet HTML 35Page - Silicon Laboratories SI4713 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
AN383
32
Rev. 0.8
After choosing the right L1 value, the user is still required to check the on-chip varactor value READANTCAP by
sending the TX_TUNE_STATUS or FM_TUNE_STATUS command to make sure that the on-chip varactor has not
gone out-of-range. User also can jump to this second step right away and skip the first step of approximating L1 by
trying different values of L1.
The procedure to monitor the READANTCAP is as follows:
Select at least three frequencies in the bottom, middle and top of the FM band (e.g. 88, 98, and 108 MHz) and
get the READANTCAP values.
It is even better if user sweeps the entire FM band and gets the READANTCAP values.
L1 has a correct inductance value if

1 < READANTCAP < 191

READANTCAP at 88 MHz > READANTCAP at 98 MHz > READANTCAP at 108 MHz

Be suspicious when READANTCAP returns the middle value of 97. It may be an indication that the inductor value is not
correct.
L1 is not the right value and needs to be changed if either one of these three conditions occur:

READANTCAP returns the bottom value of 1: it indicates that there is too much capacitance at the TXO/LPI pin. L1 needs
to be adjusted to a smaller value or the better solution is to try to reduce the parasitic capacitance at the TXO/LPI pin

READANTCAP returns a middle value of 97: it indicates that there is way too much capacitance at the TXO/LPI pin. L1
needs to be adjusted to a smaller value or the better solution is to try to reduce the parasitic capacitance at the TXO/LPI
pin

READANTCAP returns the top value of 191: it indicates that there is too little of a capacitance at the TXO/LPI pin (unlikely
to happen). L1 needs to be adjusted to a bigger value.
The rest of the components in the embedded antenna schematic are optional.
D1 is the ESD diode and it is only necessary when there is an exposed pad going to the TXO/LPI pin.
R1 is the ESD current limiting resistor and used in conjunction with D1. It is only necessary when there is an
exposed pad going to the TXO/LPI pin.
Note:
When using an electrically short monopole antenna for Transmit, the radiated power varies with frequency. Specifically,
as the transmit frequency increases, the monopole antenna becomes more efficient and hence the radiated power
increases. This is important when testing for FCC limit because the transmit power level of the chip needs to be adjusted
across the FM band.
5.3. Embedded Antenna Bill of Materials
Table 14. Embedded Antenna Bill of Materials
Designator
Description
Note
L1
Tuning inductor (typically 120 nH)
R1
Current limiting resistor for ESD, 2
Optional, only needed if there is any
exposed pad going to the TXO/LPI pin.
D1
ESD diode
Optional, only needed if there is any
exposed pad going to the TXO/LPI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com