Electronic Components Datasheet Search
  English  ▼

X  

BFP450 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP450
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP450 Datasheet HTML 1Page - Infineon Technologies AG BFP450 Datasheet HTML 2Page - Infineon Technologies AG BFP450 Datasheet HTML 3Page - Infineon Technologies AG BFP450 Datasheet HTML 4Page - Infineon Technologies AG BFP450 Datasheet HTML 5Page - Infineon Technologies AG BFP450 Datasheet HTML 6Page - Infineon Technologies AG BFP450 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BFP450
SIEGET25
Aug-20-2001
6
Power gain Gma, Gms = f (IC)
VCE = 2V
f
= parameter in GHz
0
20
40
60
80
mA
120
IC
0
2
4
6
8
10
12
14
16
18
20
22
24
dB
28
0.9
1.8
2.4
3
4
5
6
Power gain Gma, Gms, |S21|2 = f ( f )
VCE = 2V, IC = 50 mA
0.0
1.0
2.0
3.0
4.0
GHz
6.0
f
0
4
8
12
16
20
24
28
32
36
40
dB
48
Gms
Gma
|S21|2
Power gain Gma, Gms = f (VCE)
IC = 50 mA
f
= Parameter in GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
4.5
VCE
0
2
4
6
8
10
12
14
16
18
20
22
dB
26
0.9
1.8
2.4
3
4
5
6
Collector-base capacitance Ccb = f (VCB)
f = 1MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
4.0
VCB
0.0
0.2
0.4
0.6
0.8
pF
1.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com