Electronic Components Datasheet Search
  English  ▼

X  

BFP450 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP450
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BFP450 Datasheet HTML 1Page - Infineon Technologies AG BFP450 Datasheet HTML 2Page - Infineon Technologies AG BFP450 Datasheet HTML 3Page - Infineon Technologies AG BFP450 Datasheet HTML 4Page - Infineon Technologies AG BFP450 Datasheet HTML 5Page - Infineon Technologies AG BFP450 Datasheet HTML 6Page - Infineon Technologies AG BFP450 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BFP450
SIEGET25
Aug-20-2001
7
Noise figure F
= f (IC)
VCE = 2 V, f = 1.8 GHz
0
10
20
30
40
50
60
70
80 mA
100
IC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
dB
4.5
ZS = 50Ohm
ZS = ZSopt
Noise figure F
= f (IC)
VCE = 2 V, ZS = ZSopt
0
10
20
30
40
50
60
70
80 mA
100
IC
0.0
0.5
1.0
1.5
2.0
dB
3.0
f = 4 GHz
f = 3 GHz
f = 2.4 GHz
f = 1.8 GHz
f = 0.9 GHz
Noise figure F
= f ( f )
VCE = 2 V, ZS = ZSopt
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5 GHz
4.5
f
0.0
0.5
1.0
1.5
2.0
dB
3.0
IC = 50 mA
IC = 10 mA
Source impedance
for min.
Noise Figure versus Frequency
VCE = 2 V, IC = 10 mA / 50 mA
100
+j10
-j10
50
+j25
-j25
25
+j50
-j50
10
+j100
-j100
0
0.9GHz
4GHz
1.8GHz
2.4GHz
3GHz
10mA
50mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com