Electronic Components Datasheet Search
  English  ▼

X  

LT3909 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3909
Description  2-String 횞 50mA, 2MHz Step-Up LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3909 Datasheet(HTML) 1 Page - Linear Technology

  LT3909 Datasheet HTML 1Page - Linear Technology LT3909 Datasheet HTML 2Page - Linear Technology LT3909 Datasheet HTML 3Page - Linear Technology LT3909 Datasheet HTML 4Page - Linear Technology LT3909 Datasheet HTML 5Page - Linear Technology LT3909 Datasheet HTML 6Page - Linear Technology LT3909 Datasheet HTML 7Page - Linear Technology LT3909 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc2176af
DEMO MANUAL DC2176A
Description
LT3909
2-String × 50mA, 2MHz Step-Up LED
Driver with ±1.8% Current Matching
Demonstration circuit 2176A features the LT®3909, a
2-string × 50mA, 2MHz step-up LED driver with ±1.8%
current matching.
The LT3909 precisely regulates two LED strings for equal
current, supports LED dimming that reduces brightness
down to a 1/40,000 ratio, protects against faults and also
reports faults. The LT3909 consists of a step-up converter
withafixed2MHzswitchingfrequencyandcurrentsources
for the LED strings.
The operating voltage range for DC2176A is from 7V to
36V. The maximum current in each LED string is 40mA
and is programmed by 24.9kΩ ISET resistor R1. The ISET
resistor can be changed to 20.0kΩ to program the string
current to 50mA – see the data sheet for an application
example with 50mA string current.
The LT3909 utilizes voltage feedback during PWM dim-
ming and when there are faults on both LED strings. Volt-
age feedback resistors R2 and R3 on DC2176A optimize
operation for LEDs that are 35V maximum. Efficiency is
86% at 12V input, 35V for the LED string forward voltages
and 40mA per string.
LED current can be reduced by an external voltage applied
to the CTRL terminal. Resistor R8 pulls up CTRL to the
INTVCC voltage of the LT3909 so the LED current is at the
40mA maximum when there is no external CTRL voltage
applied. There are placeholders to add voltage dividers
either from VIN or INTVCC to the CTRL pin. A voltage
divider from VIN to the CTRL pin can be used to reduce
LED current at low input voltages. A resistor divider from
INTVCC to CTRL allows an NTC to reduce LED current at
high temperatures. There are placeholders for an RC filter
between the CTRL terminal and the CTRL pin. The RC filter
limits the ramp time of the CTRL pin and prevent false
faults when CTRL ramps too quickly. The FAULT terminal
is pulled up by 100kΩ R6 to VIN, but there is a placeholder
to pull up FAULT to INTVCC instead.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Resistor divider R4 and R5 from the input to the EN/UVLO
pin programs the circuit to turn off when VIN decreases
below 5V with 0.9V of hysteresis. The circuit can also be
turned off by connecting the EN/UVLO terminal to ground.
An external voltage must be applied to the PWM terminal
in order for DC2176A to operate. The external voltage can
be a DC level or an appropriate PWM dimming signal. A
common frequency for PWM dimming is 100Hz. There is
a placeholder for a resistor to pull up PWM to INTVCC so
an external voltage on PWM for operation is unnecessary.
There is a placeholder that allows an external diode to
be placed in parallel with the internal LT3909 rectifier for
higher current capability. DC2176A uses an inductor that
is optimized for high efficiency, and the input supply for
power to the inductor can be separated from the LT3909
VINpintoallowoperationfromtwoinputsources.Ceramic
capacitors are used at the input, output and for INTVCC. A
50V tantalum polymer capacitor protects the input from
ringingthatmayoccurwhentheinputishot-pluggedusing
long leads. There are placeholders occupied by 0805 size
0Ω jumpers on the back of the PCB for two LED strings
and also placeholders for SOD323 diodes to clamp the
LED1 and LED2 voltages from ringing below ground.
2-string operation, close current matching, an extremely
wide dimming range and fault protection make the LT3909
ideal for functionally advanced back lighting and illumi-
nation circuits. DC2176A features the LT3909EDD in a
thermally enhanced 12-lead 3mm × 3mm DFN package.
The LT3909 data sheet must be read in conjunction with
this demo manual to properly use or modify DC2176A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2176A


Similar Part No. - LT3909

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
logo
Shenzhen Luguang Electr...
LT390AW LUGUANG-LT390AW Datasheet
258Kb / 3P
Ceramic Filter
logo
Seoul Semiconductor
LT390Z SEOUL-LT390Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LT3909

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
16-Channel 횞 50mA LED Driver
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Monolithic Power System...
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3393 MPS-MP3393 Datasheet
518Kb / 19P
8-String Step-Up White LED Driver with External Transistor
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
AIMTEC
AMLBW-3625Z AIMTEC-AMLBW-3625Z Datasheet
449Kb / 8P
Step Up LED Driver
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com