Electronic Components Datasheet Search
  English  ▼

X  

LT3909 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3909
Description  2-String 횞 50mA, 2MHz Step-Up LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3909 Datasheet(HTML) 2 Page - Linear Technology

  LT3909 Datasheet HTML 1Page - Linear Technology LT3909 Datasheet HTML 2Page - Linear Technology LT3909 Datasheet HTML 3Page - Linear Technology LT3909 Datasheet HTML 4Page - Linear Technology LT3909 Datasheet HTML 5Page - Linear Technology LT3909 Datasheet HTML 6Page - Linear Technology LT3909 Datasheet HTML 7Page - Linear Technology LT3909 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2176af
DEMO MANUAL DC2176A
Quick start proceDure
ToevaluatetheperformanceoftheLT3909usingDC2176A,
refer to Figure 1 for the proper measurement equipment
setup and then follow the procedure below:
NOTE: An external voltage must be applied to the PWM
terminal in order for DC2176A to operate. See Step 4 for
details.
1. Connect two strings of LEDs with a forward voltage of
35V or less and corresponding meters.
2. Connect the EN/UVLO terminal to GND with a clip-on
lead.
3. With the power off, connect the input power supply and
corresponding meters.
4. Apply an external voltage to the PWM terminal. The
external voltage can be a 2V to 5V DC source or a 100Hz
or higher PWM dimming signal. Install resistor R10 to
pull up PWM to INTVCC if an external voltage on PWM
is not desired.
5. Turn the VIN power supply on and verify that the input
voltage is between 7V and 36V. The VIN voltage is al-
lowed to exceed the LED voltage by a few volts, but
a VIN that is much higher than the LED voltages may
activate overtemperature protection or dissipate too
much power in the LT3909.
6. Release the EN/UVLO to GND connection.
7. Once the LED strings are running at the programmed
LED current; adjust the input voltage within the operat-
ing range and observe the LED current regulation or
reduction in brightness with LED dimming.
performance summary Specifications are at T
A = 25°C
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage, VIN
VLED1 = VLED2 = 35V, ILED1 = ILED2 ≤ 40mA
7
V
Maximum Input Voltage, VIN
VLED1 = VLED2 = 35V, ILED1 = ILED2 ≤ 40mA
36
V
Maximum LED Voltage, VLED1, VLED2
R2 = 976k 1%, R3 = 31.6k 1%
35
V
LED Current, ILED1, ILED2
R1 = 24.9k, VCTRL = INTVCC
40
mA
Input EN/UVLO Turn-On Voltage, VIN
R4 = 402k, R5 = 130k, VIN Rising
5.9
V
Input EN/UVLO Turn-Off Voltage, VIN
R4 = 402k, R5 = 130k, VIN Falling
5
V
Efficiency
VIN = 12V, VLED1 = VLED2 = 35V, ILED1 = ILED2 = 40mA
86
%
Switching Frequency
2
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com