Electronic Components Datasheet Search
  English  ▼

X  

LT3909 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3909
Description  2-String 횞 50mA, 2MHz Step-Up LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3909 Datasheet(HTML) 4 Page - Linear Technology

  LT3909 Datasheet HTML 1Page - Linear Technology LT3909 Datasheet HTML 2Page - Linear Technology LT3909 Datasheet HTML 3Page - Linear Technology LT3909 Datasheet HTML 4Page - Linear Technology LT3909 Datasheet HTML 5Page - Linear Technology LT3909 Datasheet HTML 6Page - Linear Technology LT3909 Datasheet HTML 7Page - Linear Technology LT3909 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc2176af
DEMO MANUAL DC2176A
Quick start proceDure
Figure 3. Total Output Current ILED1 + ILED2 vs Input Voltage VIN with VLED1 = VLED2 = 35V. UVLO Occurs
at VIN = 5V Input Falling with 0.9V of Hysteresis
Figure 4. LED Current When Brightness is Reduced to a 1/20,000 Ratio by PWM Dimming at 100Hz
VIN (V)
0
5
90
70
50
80
60
40
30
20
10
0
25
15
35
DC2176a F03
40
20
10
30
VLED1 = VLED2 = 35V
DC2176a F04
500ns/DIV
VOUT
20V/DIV
ILED1
20mA/DIV
ILED2
20mA/DIV
VPWM
2V/DIV
VIN = 12V
VLED1 = VLED2 = 35V
ILED1 = ILED2 = 40mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com